Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT41 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BAT41
Description  Low capacitance small signal Schottky diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT41 Datasheet(HTML) 4 Page - STMicroelectronics

  BAT41_06 Datasheet HTML 1Page - STMicroelectronics BAT41_06 Datasheet HTML 2Page - STMicroelectronics BAT41_06 Datasheet HTML 3Page - STMicroelectronics BAT41_06 Datasheet HTML 4Page - STMicroelectronics BAT41_06 Datasheet HTML 5Page - STMicroelectronics BAT41_06 Datasheet HTML 6Page - STMicroelectronics BAT41_06 Datasheet HTML 7Page - STMicroelectronics BAT41_06 Datasheet HTML 8Page - STMicroelectronics BAT41_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Characteristics
BAT41 Series
4/12
Figure 7.
Forward voltage drop versus
forward current (typical values)
Figure 8.
Variation of thermal impedance
junction to ambient versus pulse
duration (printed circuit board,
epoxy FR4, eCU=35 µm, SOT323-6L)
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
I
(A)
FM
V
(V)
FM
T =25°C
j
T =100°C
j
T =125°C
j
10
100
1000
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z
(°C/W)
th(j-a)
Single pulse
t(s)
p
SOT323-6L
Figure 9.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (alumine
substrate, SOT-23) (printed circuit
board, epoxy FR4, eCU=35 µm,
SOD-323)
Figure 10.
Relative variation of thermal
impedance junction to ambient
versus pulse duration (printed
circuit board, epoxy FR4, eCU=35
µm, SOT-666 and SOD-523)
Figure 11.
Thermal resistance junction to
ambient versus copper surface
under each lead (printed circuit
board, epoxy FR4, eCU=35 µm,
SOD-323)
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
Z/R
th(j-a)
th(j-a)
t (s)
p
SOT-23
Alumine substrate
10 x 8 x 0.5 mm
SOD-323
Epoxy FR4
S
= 2.25 mm
e
= 35 µm
CU
2
CU
Single pulse
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z/R
th(j-a)
th(j-a)
t (s)
p
SOD-523
Epoxy FR4
e
= 35 µm
CU
SOT-666
Epoxy FR4
e
= 35 µm
CU
Single pulse
300
350
400
450
500
550
600
0
5
10
15
20
25
30
35
40
45
50
S
(mm²)
CU
R
(°C/W)
th(j-a)


Similar Part No. - BAT41_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT41-07P6FILM STMICROELECTRONICS-BAT41-07P6FILM Datasheet
153Kb / 12P
   Low capacitance small signal Schottky diodes
BAT41-09P6FILM STMICROELECTRONICS-BAT41-09P6FILM Datasheet
153Kb / 12P
   Low capacitance small signal Schottky diodes
More results

Similar Description - BAT41_06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAS69 STMICROELECTRONICS-BAS69 Datasheet
105Kb / 9P
   Low capacitance small signal Schottky diodes
BAT41ZFILM STMICROELECTRONICS-BAT41ZFILM Datasheet
153Kb / 12P
   Low capacitance small signal Schottky diodes
logo
Comchip Technology
ACDBZ0130L-HF COMCHIP-ACDBZ0130L-HF Datasheet
109Kb / 4P
   Low VF Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com