Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBC24-11EGWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # TBC24-11EGWA
Description  60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TBC24-11EGWA Datasheet(HTML) 2 Page - Kingbright Corporation

  TBC24-11EGWA Datasheet HTML 1Page - Kingbright Corporation TBC24-11EGWA Datasheet HTML 2Page - Kingbright Corporation TBC24-11EGWA Datasheet HTML 3Page - Kingbright Corporation TBC24-11EGWA Datasheet HTML 4Page - Kingbright Corporation TBC24-11EGWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD2478
REV NO: V.7
DATE: MAY/24/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1332000428
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Description
Min.
Typ.
TBC24-11EGWA
High Efficiency Red (GaAsP/GaP)
WHITE DIFFUSED
3000
13500
Green (GaP)
4700
20000
Column Cathode
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
High Efficiency Red
Green
627
565
nm
IF=20mA
λD [1]
Dominant Wavelength
High Efficiency Red
Green
625
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
High Efficiency Red
Green
45
30
nm
IF=20mA
C
Capacitance
High Efficiency Red
Green
15
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
High Efficiency Red
Green
2.0
2.2
2.5
2.5
V
IF=20mA
IR
Reverse Current
High Efficiency Red
Green
10
uA
VR=5V
Parameter
High Efficiency Red
Green
Units
Power dissipation
75
62.5
mW
DC Forward Current
30
25
mA
Peak Forward Current [1]
160
140
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3-5 Seconds


Similar Part No. - TBC24-11EGWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TBC24-22EGWA KINGBRIGHT-TBC24-22EGWA Datasheet
175Kb / 5P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
More results

Similar Description - TBC24-11EGWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TA24-11GWA KINGBRIGHT-TA24-11GWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11EWA KINGBRIGHT-TC24-11EWA Datasheet
151Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
SA08-21GWA KINGBRIGHT-SA08-21GWA Datasheet
181Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TBA24-22EGWA KINGBRIGHT-TBA24-22EGWA Datasheet
175Kb / 5P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TBC24-22EGWA KINGBRIGHT-TBC24-22EGWA Datasheet
175Kb / 5P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TA24-11EWA KINGBRIGHT-TA24-11EWA Datasheet
151Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TBA24-11EGWA KINGBRIGHT-TBA24-11EGWA Datasheet
251Kb / 5P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11GWA KINGBRIGHT-TC24-11GWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11SRWA KINGBRIGHT-TC24-11SRWA Datasheet
149Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
TC24-11YWA KINGBRIGHT-TC24-11YWA Datasheet
150Kb / 4P
   60.8mm (2.4 INCH) 5x8 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com