Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2484UB Datasheet(PDF) 7 Page - STMicroelectronics

Part # 2N2484UB
Description  SEMICONDUCTOR DEVICE, TRANSISTOR, NPN, SILICON, LOW-POWER TYPES 2N2484, 2N2484UA, 2N2484UB, JAN, JANTX, JANTXV, JANS, JANHC, AND JANKC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2484UB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 2N2484UB Datasheet HTML 3Page - STMicroelectronics 2N2484UB Datasheet HTML 4Page - STMicroelectronics 2N2484UB Datasheet HTML 5Page - STMicroelectronics 2N2484UB Datasheet HTML 6Page - STMicroelectronics 2N2484UB Datasheet HTML 7Page - STMicroelectronics 2N2484UB Datasheet HTML 8Page - STMicroelectronics 2N2484UB Datasheet HTML 9Page - STMicroelectronics 2N2484UB Datasheet HTML 10Page - STMicroelectronics 2N2484UB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MIL-PRF-19500/376E
7
1.4 Primary electrical characteristics.
NF
IC = 10
µA dc, VCE = 5 V dc
Rg = 10 k
hFE2
hFE5
f = 100 Hz
f = 1000 Hz
f = 10 kHz
VCE = 5 V dc
IC = 10
µA dc
VCE = 5 V dc
IC = 1 mA dc
Min
Max
dB
7.5
dB
3
dB
2
200
500
250
800
2. APPLICABLE DOCUMENTS
2.1 General. The documents listed in this section are specified in sections 3 and 4 of this specification. This
section does not include documents cited in other sections of this specification or recommended for additional
information or as examples. While every effort has been made to ensure the completeness of this list, document
users are cautioned that they must meet all specified requirements documents cited in sections 3 and 4 of this
specification, whether or not they are listed.
2.2 Government documents.
2.2.1 Specifications, standards, and handbooks. The following specifications, standards, and handbooks form a
part of this document to the extent specified herein. Unless otherwise specified, the issues of these documents are
those listed in the issue of the Department of Defense Index of Specifications and Standards (DoDISS) and
supplement thereto, cited in the solicitation (see 6.2).
SPECIFICATION
DEPARTMENT OF DEFENSE
MIL-PRF-19500 - Semiconductor Devices, General Specification for.
STANDARD
DEPARTMENT OF DEFENSE
MIL-STD-750 - Test Methods for Semiconductor Devices.
(Unless otherwise indicated, copies of the above specifications, standards, and handbooks are available from the
Document Automation and Production Services (DAPS), Building 4D (DPM-DODSSP), 700 Robbins Avenue,
Philadelphia, PA 19111-5094.)
2.3 Order of precedence. In the event of a conflict between the text of this document and the references cited
herein, the text of this document takes precedence. Nothing in this document, however, supersedes applicable laws
and regulations unless a specific exemption has been obtained.


Similar Part No. - 2N2484UB

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N2484UB SEMICOA-2N2484UB Datasheet
237Kb / 2P
   Silicon NPN Transistor
logo
Microsemi Corporation
2N2484UB MICROSEMI-2N2484UB Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2484UB MICROSEMI-2N2484UB Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2484UBC MICROSEMI-2N2484UBC Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
2N2484UBC MICROSEMI-2N2484UBC Datasheet
51Kb / 2P
   NPN SILICON LOW POWER TRANSISTOR
More results

Similar Description - 2N2484UB

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
JANTXV4N49U MICROPAC-JANTXV4N49U Datasheet
51Kb / 2P
   JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
4N47 MICROPAC-4N47 Datasheet
91Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N22 MICROPAC-4N22 Datasheet
94Kb / 4P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N22A MICROPAC-4N22A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N47A MICROPAC-4N47A Datasheet
88Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
4N22A NJSEMI-4N22A Datasheet
259Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880 Datasheet
85Kb / 3P
   5 Amp, 80V, Planar, NPN Power Transistors JAN,JTX,JANTXV,JANS
logo
List of Unclassifed Man...
JAN1N4454 ETC2-JAN1N4454 Datasheet
38Kb / 2P
   1N4454 and IN4454-1 AVAILABLE IN JAN, JANTX, AND JANTXV
logo
Micropac Industries
62035 MICROPAC-62035 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
62041 MICROPAC-62041 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com