Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MISTRAL Datasheet(PDF) 4 Page - STMicroelectronics

Part # MISTRAL
Description  AC/DC Multirange FAST CHARGER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MISTRAL Datasheet(HTML) 4 Page - STMicroelectronics

  MISTRAL Datasheet HTML 1Page - STMicroelectronics MISTRAL Datasheet HTML 2Page - STMicroelectronics MISTRAL Datasheet HTML 3Page - STMicroelectronics MISTRAL Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
MECHANICAL DATA US plug version (dimensions in mm)
PARAMETER
GHIBLI
MISTRAL
JOSEPH
INPUT VOLTAGE RANGE - Vrms
90 - 264
90 - 264
90 - 264
MAX OUTPUT POWER - Watt
8
8
4
OUTPUT VOLTAGE ACCURACY
+/- 5%
+/- 5%
+/- 10%
OUTPUT CURRENT ACCURACY
+/- 8%
+/- 12%
+/- 20%
OUTPUT VOLTAGE RIPPLE - mVpp
< 100
< 100
< 100
ISOLATION VOLTAGE- Vrms
> 3000
> 3000
> 3000
OPERATING AMBIENT TEMPERATURE -
oC
0 - 50
0 - 50
0 - 50
STORAGE TEMPERATURE RANGE -
oC
-20 +70
-20 +70
-20 +70
AC INPUT FUSE PROTECTION
YES
YES
YES
DC OUTPUT SHORT CIRCUIT PROTECTION
YES
YES
YES
WEIGHT (without cable) - Grams
70
70
70
Fast Chargers SELECTION chart
MISTRAL
4/4


Similar Part No. - MISTRAL

ManufacturerPart #DatasheetDescription
logo
Mantra Softech India Pv...
MISTAB MANTRA-MISTAB Datasheet
646Kb / 2P
   Integrated IRIS Device
More results

Similar Description - MISTRAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
JOSEPH STMICROELECTRONICS-JOSEPH Datasheet
80Kb / 4P
   AC/DC Single/Multirange CHARGER
GHIBLI STMICROELECTRONICS-GHIBLI Datasheet
84Kb / 4P
   AC/DC UNIVERSAL FAST CHARGER
logo
Broadband TelCom Power,...
L3R-100-480 BTCPOWER-L3R-100-480 Datasheet
252Kb / 1P
   100 kW DC Fast Charger
logo
Active-Semi, Inc
ACT36X ACTIVE-SEMI-ACT36X Datasheet
3Mb / 22P
   AC/DC Charger/Adapter Reference Designs
Rev 2.5 Oct 2012
logo
Broadband TelCom Power,...
L3S-50-480-01-003 BTCPOWER-L3S-50-480-01-003 Datasheet
272Kb / 1P
   50 kW Slim Line DC Fast Charger
logo
Analog Devices
AD2033 AD-AD2033_15 Datasheet
1Mb / 4P
   MULTIRANGE METER
logo
Holtek Semiconductor In...
HT7470 HOLTEK-HT7470 Datasheet
430Kb / 7P
   Fast Battery Charger
logo
Mean Well Enterprises C...
TN-3000_1105 MEANWELL-TN-3000_1105 Datasheet
1Mb / 4P
   3000W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500_11 Datasheet
431Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
TN-1500 MEANWELL-TN-1500 Datasheet
649Kb / 4P
   1500W True Sine Wave DC-AC Inverter with Solar Charger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com