Part Name
         Description
V436516S04VATG-75PC

 3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE ( 12 Page)


MOSEL
100% 
Zoom Out Zoom In
 6 page
background image
6
MOSEL VITELIC
V436516S04VATG-75PC
V436516S04VATG-75PC Rev. 1.4 September 2001
Capacitance
TA =0°Cto70°C; VDD =3.3V ± 0.3V, f = 1 MHz
Absolute Maximum Ratings
Symbol
Parameter
Limit Values
Unit
Max. 16M x 64
CI1
Input Capacitance (A0 to A11, RAS,CAS,WE)60
pF
CI2
Input Capacitance (CS0-CS3)30
pF
CICL
Input Capacitance (CLK0-CLK3)
22
pF
CI3
Input Capacitance (CKE0, CKE1)
50
pF
CI4
Input Capacitance (DQM0-DQM7)
15
pF
CIO
Input/Output Capacitance (I/O1-I/064)
15
pF
CSC
Input Capacitance (SCL, SA0-2)
8
pF
CSD
Input/Output Capacitance (SA0-SA2)
10
pF
Parameter
Max.
Units
VoltageonVDD Supply Relative to VSS
-1 to 4.6
V
VoltageonInput Relative to VSS
-1 to 4.6
V
Operating Temperature
0to+70
°C
Storage Temperature
-55to125
°C
Power Dissipation
6W
Operating Currents
TA =0°Cto70°C, VCC =3.3V ± 0.3V (Recommended operating conditions otherwise noted)
Symbol
Parameter & Test Condition
Max.
Unit
Note
-75PC
ICC1
Operating Current
tRC =tRCMIN.,tRC =tCKMIN.
Active-precharge command cycling,
without Burst Operation
1 bank operation
1040
mA
7
ICC2P
Precharge Standby Current in Power Down Mode
CS =VIH,CKE≤ VIL(max)
tCK =min.
16
mA
7
ICC2PS
tCK = Infinity
8
mA
7
ICC2N
Precharge Standby Current in Non-Power Down Mode
CS =VIH,CKE≥ VIL(max)
tCK =min.
400
mA
ICC2NS
tCK = Infinity
40
mA
ICC3
No Operating Current
tCK =min, CS =VIH(min)
bank ; active state ( 4 banks)
CKE
≥ V
IH(MIN.)
540
mA
ICC3P
CKE
≥ V
IL(MAX.)
(Power down mode)
64
mA



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
V436416S04VCTG-753.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437216S04VCTG-753.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436516S04VATG-753.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437216C04VDTG-753.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 REGISTER PLL ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436416S04V3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437216S04VCTG-10PC3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437316S04V3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V43644R04VCTG-753.3 VOLT 4M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436632S24V3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436516S04VTG-10PC3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl