Part Name
         Description
V436516S04VATG-75PC

 3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE ( 12 Page)


MOSEL
100% 
Zoom Out Zoom In
 
 4 page
background image
4
MOSEL VITELIC
V436516S04VATG-75PC
V436516S04VATG-75PC Rev. 1.4 September 2001
Serial Presence Detect Information
A serial presence detect storage device -
E2PROM - is assembled onto the module. Informa-
tion about the module configuration, speed, etc. is
writtenintothe E2PROM device during module pro-
duction using a serial presence detect protocol (I2C
synchronous 2-wire bus)
SPD-Table for PC133 modules:
Byte Number
Function Described
SPD Entry Value
Hex Value
16Mx64
0
Number of SPD bytes
128
80
1
Total bytes in Serial PD
256
08
2
Memory Type
SDRAM
04
3
Number of Row Addresses (without BS bits)
12
0C
4
Number of Column Addresses (for x8 SDRAM)
10
0A
5
Number of DIMM Banks
1
01
6
Module Data Width
64
40
7
Module Data Width (continued)
0
00
8
Module Interface Levels
LVTTL
01
9
SDRAM Cycle Time at CL=3
7.5 ns
75
10
SDRAM Access Time from Clock at CL=3
5.4 ns
54
11
Dimm Config (Error Det/Corr.)
none
00
12
Refresh Rate/Type
Self-Refresh, 15.6
µs80
13
SDRAM width, Primary
x8
08
14
Error CheckingSDRAMDataWidth
n/a/ x8
00
15
Minimum Clock Delay from Back to Back Random
Column Address
tccd =1CLK
01
16
Burst Length Supported
1, 2, 4, 8
0F
17
Number of SDRAM Banks
4
04
18
Supported CAS Latencies
CL = 3, 2
06
19
CS Latencies
CS Latency = 0
01
20
WE Latencies
WL = 0
01
21
SDRAM DIMM Module Attributes
Non Buffered/Non Reg.
00
22
SDRAM Device Attributes: General
Vcc tol ± 10%
0E
23
MinimumClock CycleTimeat CAS Latency = 2
7.5 ns
75
24
Maximum Data Access Time from Clock for CL = 2
5.4 ns
54
25
Minimum Clock Cycle Time at CL = 1
Not Supported
00
26
Maximum Data Access Time from Clock at CL = 1
Not Supported
00
27
Minimum Row Precharge Time
15 ns
0F
28
Minimum Row Active to Row Active Delay tRRD
14 ns
0E
29
Minimum RAS to CAS Delay tRCD
15 ns
0F
30
Minimum RAS Pulse Width tRAS
42 ns
2A



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
V436416S04VCTG-753.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437216S04VCTG-753.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436516S04VATG-753.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437216C04VDTG-753.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 REGISTER PLL ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436416S04V3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437216S04VCTG-10PC3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437316S04V3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V43644R04VCTG-753.3 VOLT 4M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436632S24V3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436516S04VTG-10PC3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl