Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V29C51001T-90T Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # V29C51001T-90T
Description  1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29C51001T-90T Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  V29C51001T-90T Datasheet HTML 1Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 2Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 3Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 4Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 5Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 6Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 7Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 8Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MOSEL VITELIC
V29C51001T/V29C51001B
5
V29C51001T/V29C51001B Rev. 0.8 October 2000
AC Electrical Characteristics
(over all temperature ranges)
Read Cycle
Program (Erase/Program) Cycle
Parameter
Name
Parameter
-45
-70
-90
Unit
Min.
Max.
Min.
Max.
Min.
Max.
tRC
Read Cycle Time
45
70
90
ns
tAA
Address Access Time
45
70
90
ns
tCE
Chip Enable Access Time
45
70
90
ns
tOE
Output Enable Access Time
25
35
45
ns
tCLZ
CE Low to Output Active
0
0
0
ns
tOLZ
OE Low to Output Active
0
0
0
ns
tDF
Output Enable or Chip Disable to Output
in High Z
015020030
ns
tOH
Output Hold from Address Change
0
0
0
ns
Parameter
Name
Parameter
-45
-70
-90
Unit
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
tWC
Program Cycle Time
45
——
70
——
90
——
ns
tAS
Address Setup Time
0
——
0
——
0
——
ns
tAH
Address Hold Time
35
——
45
——
45
——
ns
tCS
CE Setup Time
0
——
0
——
0
——
ns
tCH
CE Hold Time
0
——
0
——
0
——
ns
tOES
OE Setup Time
0
——
0
——
0
——
ns
tOEH
OE High Hold Time
0
——
0
——
0
——
ns
tWP
WE Pulse Width
25
——
35
——
45
——
ns
tWPH
WE Pulse Width High
20
——
35
——
38
——
ns
tDS
Data Setup Time
20
——
25
——
30
——
ns
tDH
Data Hold Time
0
——
0
——
0
——
ns
tWHWH1
Programming Cycle
——
20
——
20
——
20
µs
tWHWH2
Sector Erase Cycle
——
10
——
10
——
10
ms
tWHWH3
Chip Erase Cycle
2
——
2
——
2
sec


Similar Part No. - V29C51001T-90T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51000B MOSEL-V29C51000B Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45J MOSEL-V29C51000B-45J Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45P MOSEL-V29C51000B-45P Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45T MOSEL-V29C51000B-45T Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-70J MOSEL-V29C51000B-70J Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - V29C51001T-90T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
F29C51001 ETC1-F29C51001 Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
Mosel Vitelic, Corp
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
logo
Mosel Vitelic, Corp
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
   4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com