Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V29C51001T-90T Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V29C51001T-90T
Description  1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29C51001T-90T Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V29C51001T-90T Datasheet HTML 1Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 2Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 3Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 4Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 5Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 6Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 7Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 8Page - Mosel Vitelic, Corp V29C51001T-90T Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MOSEL VITELIC
1
V29C51001T/V29C51001B
1 MEGABIT (131,072 x 8 BIT)
5 VOLT CMOS FLASH MEMORY
PRELIMINARY
V29C51001T/V29C51001B Rev. 0.8 October 2000
Features
s 128Kx8-bit Organization
s Address Access Time: 45, 70, 90 ns
s Single 5V
± 10% Power Supply
s Sector Erase Mode Operation
s 8KB Boot Block (lockable)
s 512 bytes per Sector, 256 Sectors
– Sector-Erase Cycle Time: 10ms (Max)
– Byte-Program Cycle Time: 20
µs (Max)
s Minimum 10,000 Erase-Program Cycles
s Low power dissipation
– Active Read Current: 20mA (Typ)
– Active Program Current: 30mA (Typ)
– Standby Current: 100
µA (Max)
s Hardware Data Protection
s Low VCC Program Inhibit Below 2.5V
s Self-timed program/erase operations with end-
of-cycle detection
– DATA Polling
– Toggle Bit
s CMOS and TTL Interface
s Available in two versions
– V29C51001T (Top Boot Block)
– V29C51001B (Bottom Boot Block)
s Packages:
– 32-pin Plastic DIP
– 32-pin TSOP-I
– 32-pin PLCC
Description
The V29C51001T/V29C51001B is a high speed
131,072 x 8 bit CMOS flash memory. Programming
or erasing the device is done with a single 5 Volt
power supply. The device has separate chip enable
CE, program enable WE, and output enable OE
controls to eliminate bus contention.
The V29C51001T/V29C51001B offers a combi-
nation of features: Boot Block with Sector Erase
Mode. The end of program/erase cycle is detected
by DATA Polling of I/O7 or by the Toggle Bit I/O6.
The V29C51001T/V29C51001B features a
sector erase operation which allows each sector to
be erased and reprogrammed without affecting
data stored in other sectors. The device also
supports full chip erase.
Boot block architecture enables the device to
boot from a protected sector loaded either at the
top (V29C51001T) or the bottom (V29C51001B)
sector. All inputs and outputs are CMOS and TTL
compatible.
The V29C51001T/V29C51001B is ideal for
applications that require updatable code and data
storage.
Device Usage Chart
Operating
Temperature
Range
Package Outline
Access Time (ns)
Power
Temperature
Mark
P
T
J
457090
Std.
0
°C to 70°C
••••••
Blank


Similar Part No. - V29C51001T-90T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51000B MOSEL-V29C51000B Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45J MOSEL-V29C51000B-45J Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45P MOSEL-V29C51000B-45P Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45T MOSEL-V29C51000B-45T Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-70J MOSEL-V29C51000B-70J Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - V29C51001T-90T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
F29C51001 ETC1-F29C51001 Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
Mosel Vitelic, Corp
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
logo
Mosel Vitelic, Corp
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
   4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com