Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TBA20-12EGWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part # TBA20-12EGWA
Description  50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TBA20-12EGWA Datasheet(HTML) 2 Page - Kingbright Corporation

  TBA20-12EGWA Datasheet HTML 1Page - Kingbright Corporation TBA20-12EGWA Datasheet HTML 2Page - Kingbright Corporation TBA20-12EGWA Datasheet HTML 3Page - Kingbright Corporation TBA20-12EGWA Datasheet HTML 4Page - Kingbright Corporation TBA20-12EGWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD2452
REV NO: V.6
DATE: NOV/01/2006
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: H.Q.YUAN
ERP:1332000289
Selection Guide
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Description
Min.
Typ.
HIGH EFFICIENCY RED (GaAsP/GaP)
WHITE DIFFUSED
3000
12000
Column Anode
GREEN (GaP)
3000
16000
TBA20-12EGWA
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
High Efficiency Red
Green
627
565
nm
IF=20mA
λD [1]
Dominant Wavelength
High Efficiency Red
Green
625
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
High Efficiency Red
Green
45
30
nm
IF=20mA
C
Capacitance
High Efficiency Red
Green
15
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
High Efficiency Red
Green
2.0
2.2
2.5
2.5
V
IF=20mA
IR
Reverse Current
High Efficiency Red
Green
10
10
uA
VR = 5V
Parameter
High Efficiency Red
Green
Units
Power dissipation
105
105
mW
DC Forward Current
30
25
mA
Peak Forward Current [1]
160
140
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3 Seconds
Note:
1.Luminous Intensity / Luminous Flux: +/-15%.
Notes:
1.Wavelength: +/-1nm
2.Forward Voltage: +/-0.1V


Similar Part No. - TBA20-12EGWA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TBA20-12EGWA ETC-TBA20-12EGWA Datasheet
236Kb / 6P
   50MM (2.0 INCH) 5 X 7 DOT MATRIX DISPLAYS
More results

Similar Description - TBA20-12EGWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TA20-11GWA KINGBRIGHT-TA20-11GWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA20-11EGWA KINGBRIGHT-TBA20-11EGWA Datasheet
173Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11CGKWA KINGBRIGHT-TC20-11CGKWA Datasheet
357Kb / 6P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SRWA KINGBRIGHT-TC20-11SRWA Datasheet
146Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11YWA KINGBRIGHT-TA20-11YWA Datasheet
149Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11SRWA KINGBRIGHT-TA20-11SRWA Datasheet
148Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TA20-11EWA KINGBRIGHT-TA20-11EWA Datasheet
150Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11SURKWA KINGBRIGHT-TC20-11SURKWA Datasheet
358Kb / 6P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBA20-22EGWA KINGBRIGHT-TBA20-22EGWA Datasheet
172Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TBC20-12EGWA KINGBRIGHT-TBC20-12EGWA Datasheet
171Kb / 5P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
TC20-11GWA KINGBRIGHT-TC20-11GWA Datasheet
201Kb / 4P
   50mm (2.0 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com