Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC12-11SRWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # PSC12-11SRWA
Description  30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

PSC12-11SRWA Datasheet(HTML) 1 Page - Kingbright Corporation

  PSC12-11SRWA Datasheet HTML 1Page - Kingbright Corporation PSC12-11SRWA Datasheet HTML 2Page - Kingbright Corporation PSC12-11SRWA Datasheet HTML 3Page - Kingbright Corporation PSC12-11SRWA Datasheet HTML 4Page - Kingbright Corporation PSC12-11SRWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAD2407
REV NO: V.8
DATE: JUN/01/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Z.Z.YANG
ERP: 1311000139
Notes:
1. All dimensions are in millimeters (inches), Tolerance is
±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
Package Dimensions & Internal Circuit Diagram
30.48mm(1.2 INCH) 16 SEGMENT SINGLE
DIGIT ALPHANUMERIC NUMERIC DISPLAY
Features
1.2 INCH CHARACTER HEIGHT .
LOW CURRENT OPERATION.
HIGH CONTRAST AND LIGHT OUTPUT.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
CATEGORIZED FOR LUMINOUS INTENSITY.
MECHANICALLY RUGGED.
STANDARD:GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Part Number: PSC12-11SRWA
SUPER BRIGHT RED
Description
The Super Bright Red source color devices are made
with Gallium Aluminum Arsenide Red Light Emitting
Diode.


Similar Part No. - PSC12-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSC12-11SRWA KINGBRIGHT-PSC12-11SRWA Datasheet
150Kb / 5P
   30.48mm (1.2 INCH) 16SEGMENT SINGLE DIGIT ALTHANUMERIC NUMERIC DISPLAYS
More results

Similar Description - PSC12-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSA12-11SRWA KINGBRIGHT-PSA12-11SRWA Datasheet
204Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSC12-11YWA KINGBRIGHT-PSC12-11YWA Datasheet
205Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSA12-11GWA KINGBRIGHT-PSA12-11GWA Datasheet
227Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSA12-11YWA KINGBRIGHT-PSA12-11YWA Datasheet
205Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSC12-11EWA KINGBRIGHT-PSC12-11EWA Datasheet
230Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSC12-11GWA KINGBRIGHT-PSC12-11GWA Datasheet
222Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSA12-11EWA KINGBRIGHT-PSA12-11EWA Datasheet
231Kb / 5P
   30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
logo
SunLED Corporation
AMR30A SUNLED-AMR30A Datasheet
209Kb / 5P
   30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUG30A SUNLED-AUG30A Datasheet
207Kb / 5P
   30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUY30A SUNLED-AUY30A Datasheet
210Kb / 5P
   30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com