Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28231PWR Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC28231PWR
Description  Advanced PWM Controller For Bus Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28231PWR Datasheet(HTML) 3 Page - Texas Instruments

  UCC28231PWR Datasheet HTML 1Page - Texas Instruments UCC28231PWR Datasheet HTML 2Page - Texas Instruments UCC28231PWR Datasheet HTML 3Page - Texas Instruments UCC28231PWR Datasheet HTML 4Page - Texas Instruments UCC28231PWR Datasheet HTML 5Page - Texas Instruments UCC28231PWR Datasheet HTML 6Page - Texas Instruments UCC28231PWR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
UCC28230
UCC28231
SLUS814 – FEBRUARY 2008
ORDERING INFORMATION
TEMPERATURE RANGE,
REFERENCE
PACKAGE
TAPE AND REEL QTY
PART NUMBER
TA = TJ
VOLTAGE
5 V
250
UCC28230DRNT
5 V
3000
UCC28230DRNR
Plastic 12-pin
SON (DRN)
3.3 V
250
UCC28231DRNT
3.3 V
3000
UCC28231DRNR
-40
°C to +125°C
5 V
250
UCC28230PWT
5 V
2000
UCC28230PWR
Plastic 14-pin
TSSOP (PW)
3.3 V
250
UCC28231PWT
3.3 V
2000
UCC28231PWR
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD
Input supply voltage range, (3)
-0.3 to 20.0
O1_D, O2_D, O1_DIN, O2_DIN
-0.3 to VDD +0.3
Inputs voltages on OS, CS, SS, RT, OST
-0.3 to 6.3
V
Output voltage on VREF
-0.3 to 5.6
HBM
ESD rating,
2k
CDM
ESD rating
500
Continuous total power dissipation
NoLabel
TJ
Operating virtual junction temperature range,
-40 to +150
TA
Operating ambient temperature range,
-40 to +125
°C
Tstg
Storage temperature,
-65 to +150
Lead temperature (Soldering, 10 sec.)
+300
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These devices are sensitive to electrostatic discharge; follow proper device handling procedures.
(3)
All voltages are with respect to GND unless otherwise noted. Currents are positive into, negative out of the specified terminal. See
Packaging Section of the datasheet for thermal limitations and considerations of packages.
DERATING
TA <25°C
TA = 70°C
TA = 85°C
FACTOR
BOARD
PACKAGE
RΘJC
RΘJA
POWER
POWER
POWER
ABOVE TA =
RATING
RATING
RATING
25
°C
High-K(2)(2)
DRN
PW
110
°C
9.07mW/
°C
907 mW
(1)
These thermal data are taken at standard JEDEC test conditions and are useful for the thermal performance comparison of different
packages. The cooling condition and thermal impedance R
θJA of practical design is specific.
(2)
The JEDEC test board JESD51-5 with direct thermal pad attach, 3-inch x 3-inch, 4-layer with 1-oz internal power and ground planes and
2-oz top and bottom trace layers (preliminary data based on modeling)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage range
7
12
17
V
TJ
Operating junction temperature range
-40
125
°C
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UCC28230 UCC28231


Similar Part No. - UCC28231PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28231PWR TI-UCC28231PWR Datasheet
2Mb / 46P
[Old version datasheet]   Advanced PWM Controller for Bus Converters
More results

Similar Description - UCC28231PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28230 TI-UCC28230_15 Datasheet
2Mb / 50P
[Old version datasheet]   Advanced PWM Controller for Bus Converters
UCC28230_0806 TI-UCC28230_0806 Datasheet
2Mb / 46P
[Old version datasheet]   Advanced PWM Controller for Bus Converters
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
UC1638 TI-UC1638 Datasheet
304Kb / 9P
[Old version datasheet]   Advanced PWM Motor Controller
logo
Intersil Corporation
ISL6744 INTERSIL-ISL6744 Datasheet
403Kb / 18P
   Intermediate Bus PWM Controller
ISL6744A INTERSIL-ISL6744A Datasheet
344Kb / 18P
   Intermediate Bus PWM Controller
ISL6744AAUZ INTERSIL-ISL6744AAUZ Datasheet
345Kb / 18P
   Intermediate Bus PWM Controller
October 8, 2007
ISL6744AU INTERSIL-ISL6744AU Datasheet
323Kb / 18P
   Intermediate Bus PWM Controller
September 22, 2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com