Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB4312 Datasheet(PDF) 6 Page - Kingbor Technology Co

Part # KB4312
Description  Tiny Package, High Performance, Constant Current Switching Regulator for White LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4312 Datasheet(HTML) 6 Page - Kingbor Technology Co

  KB4312 Datasheet HTML 1Page - Kingbor Technology Co KB4312 Datasheet HTML 2Page - Kingbor Technology Co KB4312 Datasheet HTML 3Page - Kingbor Technology Co KB4312 Datasheet HTML 4Page - Kingbor Technology Co KB4312 Datasheet HTML 5Page - Kingbor Technology Co KB4312 Datasheet HTML 6Page - Kingbor Technology Co KB4312 Datasheet HTML 7Page - Kingbor Technology Co KB4312 Datasheet HTML 8Page - Kingbor Technology Co KB4312 Datasheet HTML 9Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
The KB4312 is a high efficiency and constant current DC-DC converter IC which is designed primarily
for use in LED module applications. The output voltage of the step-up converter can be set from Vin to
28V with external sense resistor. The device suits to drive series-connected LEDs and provides even
illumination by sourcing the same output current through each LED. KB4312 also consists of a logic
shutdown , cycle-by-cycle current-limited , soft-start functions.
Logic control input or PWM duty cycle control allows easy adjustment of LEDs brightness and on/off
control. The average LED current is proportionable the duty-cycle of the PWM signal. Typical PWM
frequency should be between 100Hz and 1kHz.
The boost converter operates in current-mode PWM and a constant frequency of 1.2 MHz. Depending
on duty cycle of each switching cycle can regulate output voltage. On the rising edge of the internal
clock , the control and driver logic block sets internal flip-flop when the output voltage is too low,
which turns on the N-MOS. The external inductor current ramps up linearly, storing energy in a
magnetic filed. Once peak current of inductor over trans-conductance output level , the N-MOS turns
off, the flip-flop resets, and external schottky diode turns on. This forces the current through the
inductor to ramp back down, transferring the energy stored in the magnetic field to the output capacitor
and LEDs. To reduce external component amount , the device will be built-in
internal loop
compensation.
Digital logic of EN provides an electrical ON/OFF control of the power supply. Connecting this pin to
ground or to any voltage less than 0.4V and sustain the level over 4ms will completely turn off the
regulator. In this state, current drain from the input supply is less than 1uA, the internal reference, error
amplifier, comparators, and biasing circuitry turn off . If holding time of low level is less than 3ms on
this pin, then the device only shutdown driver logic block.
Digital logic of EN also provides LEDs brightness control by applying a PWM signal on EN pin. With
this way, the LEDs operate with either zero or full current . The average LED current is proportional to
the duty-cycle of the PWM signal. Typical PWM frequency should be between 100Hz and 1kHz.
Output current is given by:
PWM
S
SENSE
PWM
ON
LED
T
R
T
mV
I
105
Where:
TON-PWM : On time of PWM signal
TS-PWM : A cycle time of PWM signal
If dimming control is not required , EN works as a simple on/off control. Drive EN high to enable the
device , or drive EN low for shutdown.
6
KB4312
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
Function Description
Enable Control
Dimming Control


Similar Part No. - KB4312

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
   High Efficiency, Constant Current 12 Watt Boost White-LED Driver
KB4313GRE KINGBOR-KB4313GRE Datasheet
210Kb / 10P
   High Efficiency, Constant Current 12 Watt Boost White-LED Driver
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
   High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4314GRE KINGBOR-KB4314GRE Datasheet
150Kb / 9P
   High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4317 KINGBOR-KB4317 Datasheet
146Kb / 9P
   High Efficiency, Constant Current 2 Watt Boost White-LED Driver
More results

Similar Description - KB4312

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9284A RICHTEK-RT9284A Datasheet
261Kb / 14P
   Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
   Tiny Package, High Performance, Constant Current Switching Regulator
logo
Lowpower Semiconductor ...
LP3303 POWER-LP3303 Datasheet
375Kb / 7P
   High Performance, Constant Current Switching Regulator For 9PCS White LED
logo
Feeling Technology Corp...
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
   Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
   High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
logo
Richtek Technology Corp...
RT9269 RICHTEK-RT9269 Datasheet
274Kb / 10P
   Tiny Package, High Efficiency, Constant Current LED Driver
RT9269 RICHTEK-RT9269_07 Datasheet
191Kb / 9P
   Tiny Package, High Efficiency, Constant Current LED Driver
logo
Feeling Technology Corp...
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
   28V, 3A Buck Constant Current Switching Regulator for White LED
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
   28V, 2A Buck Constant Current Switching Regulator for White LED
logo
Richtek Technology Corp...
RT9285C RICHTEK-RT9285C Datasheet
198Kb / 13P
   Tiny Package, High Performance, Diode Embedded White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com