Part Name
         Description
V436516S04VATG-75

 3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE ( 12 Page)


MOSEL
100% 
Zoom Out Zoom In
 
 2 page
background image
2
MOSEL VITELIC
V436516S04VATG-75
V436516S04VATG-75 Rev. 2.0 July 2001
Pin Configurations (Front Side/Back Side)
Notes:
*
These pins are not used in this module.
Pin
Front
Pin
Front
Pin
Front
Pin
Back
Pin
Back
Pin
Back
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
VSS
I/O1
I/O2
I/O3
I/O4
VCC
I/O5
I/O6
I/O7
I/O8
I/O9
VSS
I/O10
I/O11
I/O12
I/O13
I/O14
VCC
I/O15
I/O16
CBO*
CB1*
VSS
NC
NC
VCC
WE
DQM0
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
DQM1
CS0
DU
VSS
A0
A2
A4
A6
A8
A10(AP)
BA1
VCC
VCC
CLK0
VSS
DU
CS2
DQM2
DQM3
DU
VCC
NC
NC
CB2*
CB3*
VSS
I/O17
I/O18
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
I/O19
I/O20
VCC
I/O21
NC
DU
CKE1
VSS
I/O22
I/O23
I/O24
VSS
I/O25
I/O26
I/O27
I/O28
VCC
I/O29
I/O30
I/O31
I/O32
VSS
CLK2
NC
WP
SDA
SCL
VCC
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
VSS
I/O33
I/O34
I/O35
I/O36
VCC
I/O37
I/O38
I/O39
I/O40
I/O41
VSS
I/O42
I/O43
I/O44
I/O45
I/O46
VCC
I/O47
I/O48
CB4*
CB5*
VSS
NC
NC
VCC
CAS
DQM4
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
DQM5
CS1
RAS
VSS
A1
A3
A5
A7
A9
BA0
A11
VCC
CLK1
NC
VSS
CKE0
CS3
DQM6
DQM7
DU
VCC
NC
NC
CB6*
CB7*
VSS
I/O49
I/O50
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
I/O51
I/O52
VCC
I/O53
NC
DU
NC
VSS
I/O54
I/O55
I/O56
VSS
I/O57
I/O58
I/O59
I/O60
VCC
I/O61
I/O62
I/O63
I/O64
VSS
CLK3
NC
SA0
SA1
SA2
VCC
Pin Names
A0–A11
Address Inputs
I/O1–I/O64
Data Inputs/Outputs
RAS
Row Address Strobe
CAS
Column Address Strobe
WE
Read/Write Input
BA0, BA1
Bank Selects
CKE0, CKE1
Clock Enable
CS0–CS3
Chip Select
CLK0–CLK3
Clock Input
DQM0–DQM7
Data Mask
VCC
Power (+3.3 Volts)
VSS
Ground
SCL
Clock for Presence Detect
SDA
Serial Data OUT for Presence
Detect
SA0–A2
Serial Data IN for Presence
Detect
CB0–CB7
Check Bits (x72 Organization)
NC
No Connection
DU
Don’t Use



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
V436416S04VCTG-753.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437216S04VCTG-753.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436516S04VATG-75PC3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437216C04VDTG-753.3 VOLT 16M x 72 HIGH PERFORMANCE PC133 REGISTER PLL ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436416S04V3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437216S04VCTG-10PC3.3 VOLT 16M x 72 HIGH PERFORMANCE PC100 UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V437316S04V3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V43644R04VCTG-753.3 VOLT 4M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436632S24V3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp
V436516S04VTG-10PC3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE 1 2 3 4 5 MoreMosel Vitelic, Corp

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl