Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS179DGKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS179DGKR
Description  HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS179DGKR Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDS179DGKR Datasheet HTML 1Page - Texas Instruments SN65LVDS179DGKR Datasheet HTML 2Page - Texas Instruments SN65LVDS179DGKR Datasheet HTML 3Page - Texas Instruments SN65LVDS179DGKR Datasheet HTML 4Page - Texas Instruments SN65LVDS179DGKR Datasheet HTML 5Page - Texas Instruments SN65LVDS179DGKR Datasheet HTML 6Page - Texas Instruments SN65LVDS179DGKR Datasheet HTML 7Page - Texas Instruments SN65LVDS179DGKR Datasheet HTML 8Page - Texas Instruments SN65LVDS179DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
FUNCTION TABLES
SN65LVDS179,, SN65LVDS180
SN65LVDS050, SN65LVDS051
SLLS301O – APRIL 1998 – REVISED MAY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
These devices offer various driver, receiver, and enabling combinations in industry-standard footprints. Because
these devices are intended for use in simplex or distributed simplex bus structures, the driver enable function
does not put the differential outputs into a high-impedance state but rather disconnects the input and reduces
the quiescent power used by the device. (For these functions with a high-impedance driver output, see the
SN65LVDM series of devices.) All devices are characterized for operation from -40°C to 85°C.
Table 1. Maximum Recommended Operating Speeds
Part Number
All Buffers Active
Rx Buffer Only
Tx Buffer Only
SN65LVDS179
150 Mbps
150 Mbps
400 Mbps
SN65LVDS180
150 Mbps
150 Mbps
400 Mbps
SN65LVDS050
100 Mbps
100 Mbps
400 Mbps
SN65LVDS051
100 Mbps
100 Mbps
400 Mbps
AVAILABLE OPTIONS(1)
PACKAGE
SMALL OUTLINE
SMALL OUTLINE
SMALL OUTLINE
(D)
(DGK)
(PW)
SN65LVDS050D
SN65LVDS050PW
SN65LVDS051D
SN65LVDS051PW
SN65LVDS179D
SN65LVDS179DGK
SN65LVDS180D
SN65LVDS180PW
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI website at www.ti.com.
SN65LVDS179 RECEIVER
INPUTS
OUTPUT(1)
VID = VA - VB
R
VID ≥ 50 mV
H
50 mV < VID < 50 mV
?
VID ≤ -50 mV
L
Open
H
(1)
H = high level, L = low level, ? = indeterminate
SN65LVDS179 DRIVER(1)
INPUT
OUTPUTS
D
Y
Z
L
L
H
H
H
L
Open
L
H
(1)
H = high level, L = low level
2
Submit Documentation Feedback


Similar Part No. - SN65LVDS179DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS179DGKR TI-SN65LVDS179DGKR Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179DGKR TI-SN65LVDS179DGKR Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179DGKR TI1-SN65LVDS179DGKR Datasheet
1Mb / 50P
[Old version datasheet]   High-Speed Differential Line Drivers
SN65LVDS179DGKRG4 TI-SN65LVDS179DGKRG4 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179DGKRG4 TI-SN65LVDS179DGKRG4 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS179DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1050PWG4 TI1-SN65LVDS1050PWG4 Datasheet
862Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179-EP TI1-SN65LVDS179-EP Datasheet
439Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS179 TI-SN65LVDS179 Datasheet
531Kb / 24P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS050 STMICROELECTRONICS-STLVDS050 Datasheet
285Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179_0705 TI-SN65LVDM179_0705 Datasheet
1Mb / 28P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDS1 TI1-SN65LVDS1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed Differential Line Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com