Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR480ERLG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MUR480ERLG
Description  SWITCHMODE Power Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MUR480ERLG Datasheet(HTML) 3 Page - ON Semiconductor

  MUR480ERLG Datasheet HTML 1Page - ON Semiconductor MUR480ERLG Datasheet HTML 2Page - ON Semiconductor MUR480ERLG Datasheet HTML 3Page - ON Semiconductor MUR480ERLG Datasheet HTML 4Page - ON Semiconductor MUR480ERLG Datasheet HTML 5Page - ON Semiconductor MUR480ERLG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MUR480EG, MUR4100EG
http://onsemi.com
3
MUR480EG, MUR4100EG
Figure 1. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.2
0.8
0.4
1.2
0.03
0.1
0.3
0.2
2.0
1.0
0.02
20
7.0
3.0
0.5
5.0
0.05
VR, REVERSE VOLTAGE (VOLTS)
0
200
100
400
40
100
0.01
0.004
200
1.0
0.4
0.2
20
4.0
2.0
10
TJ = 175°C
300
700
Figure 2. Typical Reverse Current*
TA, AMBIENT TEMPERATURE (°C)
050
0
4.0
2.0
6.0
10
8.0
200
Figure 3. Current Derating
(Mounting Method #3 Per Note 2)
Figure 4. Power Dissipation
0
2.0
2.0
4.0
6.0
8.0
0
4.0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 5. Typical Capacitance
0.7
10
0.07
1.6
1.8
2
100
°C
TJ = 175°C
25
°C
600
500
0.1
0.04
0.02
100
°C
25
°C
100
150
IPK
IAV
dc
SQUAREWAVE
1.0
3.0
5.0
10
1.0
3.0
SQUARE WAVE
dc
0
Rated VR
RqJA = 28°C/W
0.6
1.0
1.4
250
40
20
30
70
10
VR, REVERSE VOLTAGE (VOLTS)
50
60
7.0
8.0
9.0
10
20
30
50
40
0
TJ = 25°C
400
5.0
10
(Capacitive
Load)
=20
800
900 1000
0.002
0.001
1000
*The curves shown are typical for the highest voltage
device in the voltage grouping. Typical reverse current
for lower voltage selections can be estimated from these
same curves if VR is sufficiently below rated VR.
5.0
7.0
9.0
TJ = 175°C


Similar Part No. - MUR480ERLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR480ERLG ONSEMI-MUR480ERLG Datasheet
88Kb / 6P
   SWITCHMODE TM Power Rectifiers
February, 2007 ??Rev. 7
MUR480ERLG ONSEMI-MUR480ERLG Datasheet
132Kb / 6P
   SWITCHMODE Power Rectifiers
May, 2013 ??Rev. 9
More results

Similar Description - MUR480ERLG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRD620CT ONSEMI-MBRD620CT_10 Datasheet
103Kb / 6P
   SWITCHMODE Power Rectifiers
July, 2010 ??Rev. 7
MBR540MFS ONSEMI-MBR540MFS Datasheet
111Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
logo
Unisonic Technologies
UMUR1660 UTC-UMUR1660 Datasheet
117Kb / 3P
   SWITCHMODE POWER RECTIFIERS
logo
Shenzhen Taychipst Elec...
MURS480ET3G TAYCHIPST-MURS480ET3G Datasheet
8Mb / 2P
   SWITCHMODE Power Rectifiers
logo
Kersemi Electronic Co.,...
MBR20100CTG KERSEMI-MBR20100CTG Datasheet
482Kb / 4P
   SWITCHMODE Power Rectifiers
logo
New Jersey Semi-Conduct...
MUR805 NJSEMI-MUR805 Datasheet
75Kb / 2P
   SWITCHMODE Power Rectifiers
logo
Motorola, Inc
MBR2060CT MOTOROLA-MBR2060CT Datasheet
87Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
ON Semiconductor
MUR1510 ONSEMI-MUR1510 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
MUR8100E ONSEMI-MUR8100E Datasheet
94Kb / 6P
   SWITCHMODE Power Rectifiers
March, 2004 ??Rev. 2
MBR860MFS ONSEMI-MBR860MFS Datasheet
67Kb / 4P
   SWITCHMODE Power Rectifiers
October, 2013 ??Rev. 0
MBR5100MFS ONSEMI-MBR5100MFS Datasheet
118Kb / 5P
   SWITCHMODE Power Rectifiers
June, 2013 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com