Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC3303 Datasheet(PDF) 4 Page - STMicroelectronics

Part No. MC3303
Description  LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 4 page
background image
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
MC3303 - MC3403 - MC3503
Unit
Min.
Typ.
Max.
∅m
Phase Margin
60
Degrees
DVIO
Input Offset Voltage Drift
Tmin.
≤ Tamb ≤ Tmax.
10
µV/oC
DIIO
Input Offset Current Drift
Tmin.
≤ Tamb ≤ 25oC50
pA/
oC
VO1/V02
Channel Separation
120
dB
ELECTRICAL CHARACTERISTICS
VCC
+ = 5V, VCC– = Ground, Tamb = 25oC (unless otherwise specified)
Symbol
Parameter
MC3303 - MC3403 - MC3503
Unit
Min.
Typ.
Max.
VIO
Input Offset Voltage (RS
≤ 10kΩ)
Tamb = 25
°C
Tmin
≤ Tamb ≤ Tmax
15
6
mV
IIO
Input Offset Current
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
250
200
nA
Iib
Input Bias Current
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
40
500
800
nA
Avd
Large Signal Voltage Gain (VO = 1.4 to 2.4V, RL = 2k
Ω)
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
10
5
200
V/mV
SVR
Supply Voltage Rejection Ratio (RS
≤ 10kΩ)
Tamb = 25
oC
Tmin.
≤ Tamb ≤ Tmax.
77
77
90
dB
ICC
Supply Current (All Amp)
MC3503
2.5
7
4
mA
Vopp
Output Voltage Range (RL = 10k
Ω)
VCC = +5V
+5 < VCC
≤ +30V
3.3
VCC
+-2V
3.5
VCC
+-1.7V
V
MC3303 - MC3403 - MC3503
4/11




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC33174-MC35174LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics
MC33174LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics
TS27M4CPRECISION LOW POWER CMOS QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
LM124ALow Power Quad Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
TL064LOW POWER J-FET QUAD OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
OP282Dual/Quad Low Power High Speed JFET Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
MC33171-MC35171LOW POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics
MC33172-MC35172LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS 1 2 3 4 5 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl