Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M87C257-45XF1X Datasheet(PDF) 4 Page - STMicroelectronics

Part # M87C257-45XF1X
Description  ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M87C257-45XF1X Datasheet(HTML) 4 Page - STMicroelectronics

  M87C257-45XF1X Datasheet HTML 1Page - STMicroelectronics M87C257-45XF1X Datasheet HTML 2Page - STMicroelectronics M87C257-45XF1X Datasheet HTML 3Page - STMicroelectronics M87C257-45XF1X Datasheet HTML 4Page - STMicroelectronics M87C257-45XF1X Datasheet HTML 5Page - STMicroelectronics M87C257-45XF1X Datasheet HTML 6Page - STMicroelectronics M87C257-45XF1X Datasheet HTML 7Page - STMicroelectronics M87C257-45XF1X Datasheet HTML 8Page - STMicroelectronics M87C257-45XF1X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AI01822
3V
High Speed
0V
1.5V
2.4V
Standard
0.4V
2.0V
0.8V
Figure 3. AC Testing Input Output Waveform
AI01823
1.3V
OUT
CL = 30pF or 100pF
CL = 30pF for High Speed
CL = 100pF for Standard
CL includes JIG capacitance
3.3k
1N914
DEVICE
UNDER
TEST
Figure 4. AC Testing Load Circuit
High Speed
Standard
Input Rise and Fall Times
≤ 10ns
≤ 20ns
Input Pulse Voltages
0 to 3V
0.4V to 2.4V
Input and Output Timing Ref. Voltages
1.5V
0.8V and 2V
Table 5. AC Measurement Conditions
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
12
pF
Note: 1. Sampled only, not 100% tested.
Table 6. Capacitance (1) (TA = 25
°C, f = 1 MHz )
System Considerations
The power switching characteristics of Advance
CMOS EPROMs require careful decoupling of the
devices. The supply current, ICC, has three seg-
ments that are of interest to the system designer:
the standby current level, the active current level,
and transient current peaks that are produced by
the falling and rising edges of E. The magnitude of
this transient current peaks is dependent on the
capacitive and inductive loading of the device at the
output. The associated transient voltage peaks can
be suppressed by complying with the two line
output control and by properly selected decoupling
capacitors. It is recommended that a 0.1
µF ceramic
capacitor be used on every device between VCC
and VSS. This should be a high frequency capacitor
of low inherent inductance and should be placed
as close to the device as possible. In addition, a
4.7
µF bulk electrolytic capacitor should be used
between VCC and VSS for every eight devices. The
bulk capacitor should be located near the power
supply connection point. The purpose of the bulk
capacitor is to overcome the voltage drop caused
by the inductive effects of PCB traces.
4/13
M87C257


Similar Part No. - M87C257-45XF1X

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M87C257-45XF1TR STMICROELECTRONICS-M87C257-45XF1TR Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
More results

Similar Description - M87C257-45XF1X

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN27C256A HITACHI-HN27C256A Datasheet
416Kb / 10P
   256K(32K x 8-bit) UV and OTP EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
   256K (32K x 8) OTP EPROM
logo
STMicroelectronics
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
logo
Maxwell Technologies
27C256T MAXWELL-27C256T Datasheet
126Kb / 14P
   256K (32K x 8-Bit) OTP EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
   256K 32K x 8 OTP CMOS EPROM
logo
STMicroelectronics
M27256 STMICROELECTRONICS-M27256 Datasheet
93Kb / 10P
   NMOS 256K 32K x 8 UV EPROM
logo
Hitachi Semiconductor
HN27C256H HITACHI-HN27C256H Datasheet
409Kb / 10P
   256k (32k x 8-bit) UV and OPT EPROM
logo
ATMEL Corporation
AT27LV256A ATMEL-AT27LV256A_07 Datasheet
406Kb / 15P
   256K (32K x 8) Low-voltage OTP EPROM
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com