Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACTR8008 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTR8008
Description  true one-port, surface-acoustic-wave (SAW) resonator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTR8008 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTR8008 Datasheet HTML 1Page - Advanced Crystal Technology ACTR8008 Datasheet HTML 2Page - Advanced Crystal Technology ACTR8008 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
2 OF 3
5.Typical Frequency Response
6.Temperature Characteristics
7.Performance
7-1.Maximum Ratings
Rating
Value
Unit
CW RF Power Dissipation
P
0
dBm
DC Voltage Between Terminals
VDC
±30
V
Storage Temperature Range
Tstg
-40 to +85
°C
Operating Temperature Range
TA
-10 to +60
°C
7-2.Electronic Characteristics
Characteristic
Sym
Minimum
Typical
Maximum
Unit
Absolute Frequency
fC
867.850
868.150
MHz
Centre Frequency
(+25
°C)
Tolerance from 868.000 MHz
∆f
C
±150
kHz
Insertion Loss
IL
1.5
2.2
dB
Unloaded Q
QU
10,350
Quality Factor
50
Ω Loaded Q
QL
1,650
Turnover Temperature
T0
25
55
°C
Turnover Frequency
f0
fC
kHz
Temperature
Stability
Frequency Temperature Coefficient
FTC
0.032
ppm/
°C
2
Frequency Aging
Absolute Value during the First Year
|fA|
≤10
ppm/yr
DC Insulation Resistance Between Any Two Terminals
1.0
M
Motional Resistance
RM
19
29
Motional Inductance
LM
36.0206
µH
Motional Capacitance
CM
0.9343
fF
RF Equivalent
RLC Model
Shunt Static Capacitance
C 0
2.20
2.50
2.80
pF
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTR8008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACTR8008 ETC1-ACTR8008 Datasheet
63Kb / 3P
   A True One-Port, Surface-Acoustic-Wave
ACTR8008/868 ETC1-ACTR8008/868 Datasheet
63Kb / 3P
   A True One-Port, Surface-Acoustic-Wave
More results

Similar Description - ACTR8008

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTR868.3 ACT-ACTR868.3 Datasheet
64Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR868.35 ACT-ACTR868.35 Datasheet
59Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR30 ACT-ACTR30 Datasheet
59Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR310 ACT-ACTR310 Datasheet
59Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR315 ACT-ACTR315_1 Datasheet
67Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR318 ACT-ACTR318 Datasheet
62Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR422 ACT-ACTR422 Datasheet
61Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR430 ACT-ACTR430_1 Datasheet
58Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR550 ACT-ACTR550 Datasheet
57Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR912 ACT-ACTR912 Datasheet
66Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR3006 ACT-ACTR3006 Datasheet
58Kb / 3P
   true one-port, surface-acoustic-wave (SAW) resonator
SEPT 04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com