Electronic Components Datasheet Search |
|
M74HCT651B1R Datasheet(PDF) 6 Page - STMicroelectronics |
|
M74HCT651B1R Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 12 page DC SPECIFICATIONS Symbol Parameter Test Conditions Value Unit VCC (V) TA =25 oC -40 to 85 oC Min. Typ. Max. Min. Max. VIH High Level Input Voltage 4.5 to 5.5 2.0 2.0 V VIL Low Level Input Voltage 4.5 to 5.5 0.8 0.8 V VOH High Level Output Voltage 4.5 VI = VIH or VIL IO=-20 µA 4.4 4.5 4.4 V IO=-6.0 mA 4.18 4.31 4.13 VOL Low Level Output Voltage 4.5 VI = VIH or VIL IO=20 µA 0.0 0.1 0.1 V IO= 6.0 mA 0.17 0.26 0.33 II Input Leakage Current (*) 5.5 VI =VCC or GND ±0.1 ±1 µA IOZ 3 State Output Off State Current 5.5 VI =VCC or GND ±0.5 ±5.0 µA ICC Quiescent Supply Current 5.5 VI =VCC or GND 1 10 µA ∆ICC Additional worst case supply current 5.5 Per Input pin VI = 0.5V or VI = 2.4V Other Inputs at VCC or GND 2.0 2.9 mA (*): Applicable only to GAB, GBA, CAB, CBA, SAB, SBA input M74HCT651/652 6/12 |
Similar Part No. - M74HCT651B1R |
|
Similar Description - M74HCT651B1R |