Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V29C51000B-90J Datasheet(PDF) 9 Page - Mosel Vitelic, Corp

Part # V29C51000B-90J
Description  512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29C51000B-90J Datasheet(HTML) 9 Page - Mosel Vitelic, Corp

Back Button V29C51000B-90J Datasheet HTML 5Page - Mosel Vitelic, Corp V29C51000B-90J Datasheet HTML 6Page - Mosel Vitelic, Corp V29C51000B-90J Datasheet HTML 7Page - Mosel Vitelic, Corp V29C51000B-90J Datasheet HTML 8Page - Mosel Vitelic, Corp V29C51000B-90J Datasheet HTML 9Page - Mosel Vitelic, Corp V29C51000B-90J Datasheet HTML 10Page - Mosel Vitelic, Corp V29C51000B-90J Datasheet HTML 11Page - Mosel Vitelic, Corp V29C51000B-90J Datasheet HTML 12Page - Mosel Vitelic, Corp V29C51000B-90J Datasheet HTML 13Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
V29C51000T/V29C51000B Rev. 0.5 October 2000
MOSEL VITELIC
V29C51000T/V29C51000B
Functional Description
The V29C51000T/V29C51000B consists of 256
equally-sized sectors of 512 bytes each. The 8 KB
lockable Boot Block is intended for storage of the
system BIOS boot code. The boot code is the first
piece of code executed each time the system is
powered on or rebooted.
The V29C51000 is available in two versions: the
V29C51000T with the Boot Block address starting
from E000H to FFFFH, and the V29C51000B with
the Boot Block address starting from 0000H to
FFFFH.
Read Cycle
A read cycle is performed by holding both CE
and OE signals LOW. Data Out becomes valid only
when these conditions are met. During a read cycle
WE must be HIGH prior to CE and OE going LOW.
WE must remain HIGH during the read operation
for the read to complete (see Table 1).
Output Disable
Returning OE or CE HIGH, whichever occurs first
will terminate the read operation and place the l/O
pins in the HIGH-Z state.
Standby
The device will enter standby mode when the CE
signal is HIGH. The l/O pins are placed in the
HIGH-Z, independent of the OE signal.
Command Sequence
The V29C51000T/V29C51000B does not
provide the “reset” feature to return the chip to its
normal state when an incomplete command
sequence or an interruption has happened. In this
case, normal operation (Read Mode) can be
restored by issuing a “non-existent” command
sequence, for example Address: 5555H, Data FFH.
Byte Program Cycle
The V29C51000T/V29C51000B is programmed
on a byte-by-byte basis. The byte program
operation is initiated by using a specific four-bus-
cycle sequence: two unlock program cycles, a
program setup command and program data
program cycles (see Table 2).
During the byte program cycle, addresses are
latched on the falling edge of either CE or WE,
whichever is last. Data is latched on the rising edge
of CE or WE, whichever is first. The byte program
cycle can be CE controlled or WE controlled.
Sector Erase Cycle
The V29C51000T/V29C51000B features a
sector erase operation which allows each sector to
be erased and reprogrammed without affecting
data stored in other sectors. Sector erase operation
is initiated by using a specific six-bus-cycle
sequence: Two unlock program cycles, a setup
command, two additional unlock program cycles,
and the sector erase command (see Table 2). A
sector must be first erased before it can be
reprogrammed. While in the internal erase mode,
8KB Boot Block
512
512
512
512
512
512
8KB Boot Block
V29C51000T
V29C51000B
FFFFH
E000H
0000H
1FFFH
51000-13
0000H
8KB Boot Block = 16 Sectors
Table 1. Operation Modes Decoding
NOTES:
1.
X = Don’t Care, VIH = HIGH, VIL = LOW.
2.
PD: The data at the byte address to be programmed.
Decoding Mode
CE
OE
WE
A0
A1
A9
I/O
Read
VIL
VIL
VIH
A0
A1
A9
READ
Program
VIL
VIH
VIL
A0
A1
A9
PD
Standby
VIH
XXXXX
HIGH-Z
Autoselect Device ID
VIL
VIL
VIH
VIH
VIL
VH
CODE
Autoselect Manufacture ID
VIL
VIL
VIH
VIL
VIL
VH
CODE
Output Disable
VIL
VIH
VIH
X
X
X
HIGH-Z


Similar Part No. - V29C51000B-90J

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51001B MOSEL-V29C51001B Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-45J MOSEL-V29C51001B-45J Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-45P MOSEL-V29C51001B-45P Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-45T MOSEL-V29C51001B-45T Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51001B-70J MOSEL-V29C51001B-70J Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - V29C51000B-90J

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51000 MOSEL-V29LC51000 Datasheet
52Kb / 12P
   512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
logo
List of Unclassifed Man...
F29C51001 ETC1-F29C51001 Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
logo
AMIC Technology
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com