Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACTF552B Datasheet(PDF) 3 Page - Advanced Crystal Technology

Part # ACTF552B
Description  low-loss, compact, and economical surface-acoustic-wave (SAW) filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF552B Datasheet(HTML) 3 Page - Advanced Crystal Technology

  ACTF552B Datasheet HTML 1Page - Advanced Crystal Technology ACTF552B Datasheet HTML 2Page - Advanced Crystal Technology ACTF552B Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
5-2. Electronic Characteristics
Characteristic
Minimum
Typical
Maximum
Unit
Centre Frequency
fC
--
446.000
--
MHz
User Signal Band
BW
--
±2.0
--
MHz
Insertion Loss
IL
fC±2.0MHz
--
3.0
4.5
dB
Absolute Attenuation
α
DC to fC
-20.0MHz
fC +25.0MHz to fc +200.0MHz
42
48
54
60
--
--
dB
Pass Band Ripple
Δα
fC±2.0MHz
--
--
2.0
dB
Input / Output Impedance (Nominal)
150
Ω // 0pF
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1.
The frequency fC is defined as the midpoint between the 3dB frequencies.
2.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is
connected to a 50
Ω test system with VSWR ≤1.2:1. The test fixture L and C are adjusted for minimum insertion
loss at the filter centre frequency, f C. Note that insertion loss, bandwidth, and passband shape are dependent on
the impedance matching component values and quality.
3.
Unless noted otherwise, specifications apply over the entire specified operating temperature range.
4.
The specifications of this device are based on the test circuit shown above and subject to change or
obsolescence without notice.
5.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to
manufacture or sale.
6.
Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications,
processes and circuits implemented within components or assemblies.
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF552B

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF550 ACT-ACTF550 Datasheet
86Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF550/433.92/QCC8C ACT-ACTF550/433.92/QCC8C Datasheet
86Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF5565 ACT-ACTF5565 Datasheet
92Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW)
SEPT 04
ACTF5565 ACT-ACTF5565 Datasheet
162Kb / 3P
   SAW Filter
March 2010
ACTF5565/465.0/QCC8C ACT-ACTF5565/465.0/QCC8C Datasheet
162Kb / 3P
   SAW Filter
March 2010
More results

Similar Description - ACTF552B

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF1459 ACT-ACTF1459 Datasheet
37Kb / 2P
   low-loss, compact and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF2703 ACT-ACTF2703 Datasheet
69Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4003 ACT-ACTF4003 Datasheet
67Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF4006 ACT-ACTF4006 Datasheet
62Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF9165 ACT-ACTF9165 Datasheet
69Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF9305 ACT-ACTF9305 Datasheet
75Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF0327 ACT-ACTF0327 Datasheet
103Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF3004 ACT-ACTF3004 Datasheet
67Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF8012 ACT-ACTF8012 Datasheet
71Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF5914 ACT-ACTF5914 Datasheet
38Kb / 2P
   low-loss, compact and economical surface-acoustic-wave (SAW) filter
SEPT 04
ACTF9008 ACT-ACTF9008 Datasheet
101Kb / 3P
   low-loss, compact, and economical surface-acoustic-wave (SAW) filter
SEPT 04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com