Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV8151DWG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74LV8151DWG4
Description  10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV8151DWG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LV8151DWG4 Datasheet HTML 7Page - Texas Instruments SN74LV8151DWG4 Datasheet HTML 8Page - Texas Instruments SN74LV8151DWG4 Datasheet HTML 9Page - Texas Instruments SN74LV8151DWG4 Datasheet HTML 10Page - Texas Instruments SN74LV8151DWG4 Datasheet HTML 11Page - Texas Instruments SN74LV8151DWG4 Datasheet HTML 12Page - Texas Instruments SN74LV8151DWG4 Datasheet HTML 13Page - Texas Instruments SN74LV8151DWG4 Datasheet HTML 14Page - Texas Instruments SN74LV8151DWG4 Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - SN74LV8151DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8151DWG4 TI-SN74LV8151DWG4 Datasheet
293Kb / 15P
[Old version datasheet]   10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV8151DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8151 TI-SN74LV8151_07 Datasheet
293Kb / 15P
[Old version datasheet]   10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
SN74LV8151 TI-SN74LV8151 Datasheet
292Kb / 14P
[Old version datasheet]   10-BIT UNIVERSAL SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
logo
Toshiba Semiconductor
TC74VHCT9125AFK TOSHIBA-TC74VHCT9125AFK Datasheet
286Kb / 7P
   5-bit Universal Schmitt Buffer with 3-State Outputs
2019-01-31
TC74VHC9125P TOSHIBA-TC74VHC9125P Datasheet
242Kb / 10P
   5-bit Universal Schmitt Buffer with 3-State Outputs
TC74VHC9541P TOSHIBA-TC74VHC9541P Datasheet
222Kb / 10P
   Octal Universal Schmitt Buffer with 3-State Outputs
TC74VHCT9541AFK TOSHIBA-TC74VHCT9541AFK Datasheet
336Kb / 7P
   Octal Universal Schmitt Buffer with 3-State Outputs
2019-01-31
logo
Texas Instruments
SN74AHC8541 TI1-SN74AHC8541 Datasheet
364Kb / 9P
[Old version datasheet]   8-BIT INVERTING/NON-INVERTING SCHMITT-TRIGGER BUFFER WITH 3-STATE OUTPUTS
CY74FCT2827T TI1-CY74FCT2827T_14 Datasheet
536Kb / 12P
[Old version datasheet]   10-BIT BUFFER WITH 3-STATE OUTPUTS
SN74HCS126 TI1-SN74HCS126 Datasheet
1,001Kb / 21P
[Old version datasheet]   SN74HCS126 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
SN74HCS125 TI-SN74HCS125_V01 Datasheet
1Mb / 25P
[Old version datasheet]   SN74HCS125 Quadruple Buffer with 3-State Outputs and Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com