Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACTF070188-PK11 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF070188-PK11
Description  70 MHz Standard Filter for Base Station application.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF070188-PK11 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF070188-PK11 Datasheet HTML 1Page - Advanced Crystal Technology ACTF070188-PK11 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without
notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
1 OF 2
70 MHz Standard Filter for Base Station application.
Part Number ACTF070188/PK11
Horizontal: 6MHz/Div
Horizontal: 6MHz/Div
Vertical: 10dB/Div
Vertical: 50nsec/Div
Parameter
Unit
Minimum
Typical
Maximum
Centre Frequency
MHz
69.80
70.0
70.20
Insertion Loss at F0
dB
30.0
1 dB Bandwidth
MHz
17.70
3 dB Bandwidth
MHz
18.66
40dB Bandwidth
MHz
23.10
Passband Variation
dB
0.6
0.9
Phase Linearity
Deg
Group Delay Variation
nsec
30.0
Absolute Delay
usec
1.28
Ultimate Rejection
dB
50
Substrate Material
-
128LiNbO3
Ambient Temperature
°C
25
Typical Performance
Specifications
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF070188-PK11

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF070100-PK11 ACT-ACTF070100-PK11 Datasheet
48Kb / 2P
   70 MHz Standard Filter for BasE Station application
SEPT 04
ACTF070100/PK11 ACT-ACTF070100/PK11 Datasheet
48Kb / 2P
   70 MHz Standard Filter for BasE Station application
SEPT 04
ACTF070145-PK11 ACT-ACTF070145-PK11 Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070145/PK11 ACT-ACTF070145/PK11 Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070165-PK11 ACT-ACTF070165-PK11 Datasheet
49Kb / 2P
   70 MHz Standard Filter for Base Station application
SEPT 04
More results

Similar Description - ACTF070188-PK11

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF070094-PKXS ACT-ACTF070094-PKXS Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070096-PK11 ACT-ACTF070096-PK11 Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070094-PK10 ACT-ACTF070094-PK10 Datasheet
49Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070013-PK10 ACT-ACTF070013-PK10 Datasheet
49Kb / 2P
   70 MHz Standard Filter FOR base Station application
SEPT 04
ACTF070020V-PK11 ACT-ACTF070020V-PK11 Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base station application.
SEPT 04
logo
List of Unclassifed Man...
ACTF070013-PK10 ETC-ACTF070013-PK10 Datasheet
45Kb / 2P
   70 MHz Standard Filter FOR base Station application
logo
Advanced Crystal Techno...
ACTF070025-PK11 ACT-ACTF070025-PK11 Datasheet
47Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
ACTF070035-PK11 ACT-ACTF070035-PK11 Datasheet
49Kb / 2P
   70 MHz Standard Filter for Base Station application
SEPT 04
ACTF070035V-PK11 ACT-ACTF070035V-PK11 Datasheet
48Kb / 2P
   70 MHz Standard Filter FOR Base Station application.
SEPT 04
ACTF070042-PK11 ACT-ACTF070042-PK11 Datasheet
48Kb / 2P
   70 MHz Standard Filter for Base Station application.
SEPT 04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com