Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M54HC77 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M54HC77
Description  4-BIT D-TYPE LATCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC77 Datasheet(HTML) 3 Page - STMicroelectronics

  M54HC77 Datasheet HTML 1Page - STMicroelectronics M54HC77 Datasheet HTML 2Page - STMicroelectronics M54HC77 Datasheet HTML 3Page - STMicroelectronics M54HC77 Datasheet HTML 4Page - STMicroelectronics M54HC77 Datasheet HTML 5Page - STMicroelectronics M54HC77 Datasheet HTML 6Page - STMicroelectronics M54HC77 Datasheet HTML 7Page - STMicroelectronics M54HC77 Datasheet HTML 8Page - STMicroelectronics M54HC77 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M74HC77
3/10
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
(*) 500mW at 65
°C; derate to 300mW by 10mW/°C from 65°C to 85°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
PD
Power Dissipation
500(*)
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 6
V
VI
Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
tr, tf
Input Rise and Fall Time
VCC = 2.0V
0 to 1000
ns
VCC = 4.5V
0 to 500
ns
VCC = 6.0V
0 to 400
ns


Similar Part No. - M54HC77

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
   4-BIT D-TYPE LATCH
M54HC77F1R STMICROELECTRONICS-M54HC77F1R Datasheet
241Kb / 10P
   4-BIT D-TYPE LATCH
More results

Similar Description - M54HC77

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
   4-BIT D-TYPE LATCH
M54HCT75 STMICROELECTRONICS-M54HCT75 Datasheet
239Kb / 9P
   4 BIT D TYPE LATCH
M74HCT75-2 STMICROELECTRONICS-M74HCT75-2 Datasheet
280Kb / 9P
   4 BIT D TYPE LATCH
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
238Kb / 9P
   4 BIT D TYPE LATCH
M74HC75 STMICROELECTRONICS-M74HC75 Datasheet
238Kb / 9P
   4 BIT D TYPE LATCH
December 1992
M74HC75-1 STMICROELECTRONICS-M74HC75-1 Datasheet
268Kb / 10P
   4 BIT D TYPE LATCH
August 2001
logo
Toshiba Semiconductor
TC74HC375AP TOSHIBA-TC74HC375AP Datasheet
318Kb / 9P
   4-Bit D Type Latch
logo
STMicroelectronics
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
250Kb / 10P
   RAD HARD 4 BIT D TYPE LATCH
logo
Motorola, Inc
SN54LS75 MOTOROLA-SN54LS75 Datasheet
98Kb / 4P
   4-BIT D LATCH
SN54LS375 MOTOROLA-SN54LS375 Datasheet
163Kb / 5P
   4-BIT D LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com