Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE450SD5100JR06L2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PHE450SD5100JR06L2
Description  Double metallized film pulse capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE450SD5100JR06L2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PHE450SD5100JR06L2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE450SD5100JR06L2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE450SD5100JR06L2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE450SD5100JR06L2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE450SD5100JR06L2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE450SD5100JR06L2 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE450SD5100JR06L2 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE450SD5100JR06L2 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE450SD5100JR06L2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
235
PHE450
ORDERING INFORMATION
PACKING
The box dimensions for bulk packaging are
245 x 145 x 80 mm. Quantity/package as
in article table, based on standard lead
length. Reels with taped capacitors are
packed 10 in a box with the dimensions
370 x 370 x 560 mm. Quantity per reel as
in article table. The standard quantity/reel
is for 360 mm reel. If 500 mm reel is
required, it must be specified when
ordering and the quantity is 2 x the given
quantity.
MARKING
• RIFA
• Article code
• Rated capacitance according to
IEC 60062
• Rated voltage
• Capacitance tolerance code
• Manufacturing code (year, month)
DERATING OF U
RMS
VS FREQUENCY, +85°C AMBIENT TEMPERATURE
AND 10°C INTERNAL HEATING, TYPICAL VALUES
630 VDC/400 VAC
frequency (kHz)
10
1
0.1
100
1000
100
10
1
Urms (V)
2.7
µF
1.0
µF
0.027
µF
0.22
µF
0.1
250 VDC/180 VAC
frequency (kHz)
10
1
0.1
100
1000
100
10
1
Urms (V)
6.8
µF
0.082
µF
2.2
µF
0.47
µF
0.1
400 VDC/250 VAC
frequency (kHz)
10
1
0.1
100
1000
100
10
1
Urms (V)
1.0
µF
0.22
µF
4.7
µF
0.047
µF
0.01
µF
0.1
2000 VDC/700 VAC
frequency (kHz)
10
1
0.1
100
1000
100
10
1
Urms (V)
0.47
µF
0.047
µF
0.22
µF
0.0047
µF
0.001
µF
1000 VDC/600 VAC
frequency (kHz)
10
1
0.1
100
1000
100
10
1
Urms (V)
1.2
µF
0.015
µF
0.010
µF
0.47
µF
1600 VDC/650 VAC
frequency (kHz)
10
1
0.1
100
1000
100
10
1
Urms (V)
0.82
µF
0.47
µF
0.0068
µF
0.10
µF
2500 VDC/900 VAC
frequency (kHz)
10
1
100
1000
100
10
Urms (V)
0.0010
µF
0.0039
µF
0.010
µF
0.027
µF
The article code for the standard part is given in the article table.
For other options, see page 21.


Similar Part No. - PHE450SD5100JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450SD5180FB04R06 KEMET-PHE450SD5180FB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450SD5180GB04R06 KEMET-PHE450SD5180GB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450SD5180HB04R06 KEMET-PHE450SD5180HB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450SD5180JB04R06 KEMET-PHE450SD5180JB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450SD5180KB04R06 KEMET-PHE450SD5180KB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
More results

Similar Description - PHE450SD5100JR06L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE427 ETC2-PHE427 Datasheet
79Kb / 7P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com