Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE450SD4470JR06L2 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PHE450SD4470JR06L2
Description  Double metallized film pulse capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE450SD4470JR06L2 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PHE450SD4470JR06L2 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHE450SD4470JR06L2 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHE450SD4470JR06L2 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHE450SD4470JR06L2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE450SD4470JR06L2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE450SD4470JR06L2 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE450SD4470JR06L2 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE450SD4470JR06L2 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE450SD4470JR06L2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
236
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
250 VDC /180 VAC
(1 section winding construction)
LEAD SPACING 7.5 MM
0.00033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450HK3330JR05
0.00039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450HK3390JR05
0.00047
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450HK3470JR05
0.00056
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450HK3560JR05
0.00068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450HK3680JR05
0.00082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450HK3820JR05
0.0010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450HK4100JR05
0.0012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450HK4120JR05
0.0015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450HK4150JR05
0.0018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450HK4180JR05
0.0022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450HK4220JR05
0.0027
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450HK4270JR05
0.0033
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450HK4330JR05
0.0039
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
2000
160
PHE450HK4390JR05
0.0047
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE450HK4470JR05
0.0056
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE450HK4560JR05
0.0068
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE450HK4680JR05
0.0082
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1400
160
PHE450HK4820JR05
0.010
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE450HK5100JR05
0.012
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
1200
160
PHE450HK5120JR05
0.015
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE450HK5150JR05
0.018
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE450HK5180JR05
0.022
4.0
8.0
10.0
7.5
1000
1700
1900
0.5
800
160
PHE450HK5220JR05
0.027
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
800
160
PHE450HK5270JR05
0.033
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
800
160
PHE450HK5330JR05
0.039
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
800
160
PHE450HK5390JR05
0.047
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
800
160
PHE450HK5470JR05
0.056
5.0
11.0
10.0
7.5
1000
1300
1500
0.8
800
160
PHE450HK5560JR05
0.068
6.0
12.0
10.5
7.5
1000
1000
1200
1.0
800
160
PHE450HK5680JR05
LEAD SPACING 10 MM
0.0010
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450HA4100JR05
0.0012
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450HA4120JR05
0.0015
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450HA4150JR05
0.0018
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450HA4180JR05
0.0022
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450HA4220JR05
0.0027
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450HA4270JR05
0.0033
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450HA4330JR05
0.0039
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450HA4390JR05
0.0047
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450HA4470JR05
0.0056
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450HA4560JR05
0.0068
4.0
9.0
13.0
10.0
1000
900
0.6
1400
142
PHE450HA4680JR05
0.0082
4.0
9.0
13.0
10.0
1000
900
0.6
1200
142
PHE450HA4820JR05
0.010
4.0
9.0
13.0
10.0
1000
900
0.6
1200
142
PHE450HA5100JR05
0.012
4.0
9.0
13.0
10.0
1000
900
0.6
1200
142
PHE450HA5120JR05
0.015
4.0
9.0
13.0
10.0
1000
900
0.6
1200
142
PHE450HA5150JR05
0.018
4.0
9.0
13.0
10.0
1000
900
0.6
1100
142
PHE450HA5180JR05
0.022
4.0
9.0
13.0
10.0
1000
900
0.6
1100
142
PHE450HA5220JR05
0.027
4.0
9.0
13.0
10.0
1000
900
0.6
1100
142
PHE450HA5270JR05
0.033
4.0
9.0
13.0
10.0
1000
900
0.6
700
142
PHE450HA5330JR05
0.039
4.0
9.0
13.0
10.0
1000
900
0.6
700
142
PHE450HA5390JR05
0.047
4.0
9.0
13.0
10.0
1000
900
0.6
700
142
PHE450HA5470JR05
0.056
4.5
10.5
13.0
10.0
1000
800
0.9
700
122
PHE450HA5560JR05
0.068
4.5
10.5
13.0
10.0
1000
800
0.9
700
122
PHE450HA5680JR05
0.082
5.0
11.0
13.0
10.0
800
700
1.0
700
116
PHE450HA5820JR05
0.100
6.0
12.0
13.0
10.0
600
500
1.3
700
105
PHE450HA6100JR05
0.120
6.0
12.0
13.0
10.0
600
500
1.3
700
105
PHE450HA6120JR05
PHE450


Similar Part No. - PHE450SD4470JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450SD5180FB04R06 KEMET-PHE450SD5180FB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450SD5180GB04R06 KEMET-PHE450SD5180GB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450SD5180HB04R06 KEMET-PHE450SD5180HB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450SD5180JB04R06 KEMET-PHE450SD5180JB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450SD5180KB04R06 KEMET-PHE450SD5180KB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
More results

Similar Description - PHE450SD4470JR06L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE427 ETC2-PHE427 Datasheet
79Kb / 7P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com