Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V43648Y04VCTG-75 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # V43648Y04VCTG-75
Description  3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V43648Y04VCTG-75 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  V43648Y04VCTG-75 Datasheet HTML 1Page - Mosel Vitelic, Corp V43648Y04VCTG-75 Datasheet HTML 2Page - Mosel Vitelic, Corp V43648Y04VCTG-75 Datasheet HTML 3Page - Mosel Vitelic, Corp V43648Y04VCTG-75 Datasheet HTML 4Page - Mosel Vitelic, Corp V43648Y04VCTG-75 Datasheet HTML 5Page - Mosel Vitelic, Corp V43648Y04VCTG-75 Datasheet HTML 6Page - Mosel Vitelic, Corp V43648Y04VCTG-75 Datasheet HTML 7Page - Mosel Vitelic, Corp V43648Y04VCTG-75 Datasheet HTML 8Page - Mosel Vitelic, Corp V43648Y04VCTG-75 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MOSEL VITELIC
1
V43648Y04V(C)TG-75
3.3 VOLT 8M x 64 HIGH PERFORMANCE
PC133 UNBUFFERED SODIMM
PRELIMINARY
V43648Y04V(C)TG-75 Rev. 1.3 October 2000
Features
s JEDEC-standard 144 pin, Small-Outline, Dual in
line Memory Module (SODIMM)
s Serial Presence Detect with E2PROM
s Fully Synchronous, All Signals Registered on
Positive Edge of System Clock
s Single +3.3V (
± 0.3V) Power Supply
s All Device Pins are LVTTL Compatible
s 4096 Refresh Cycles every 64 ms
s Self-Refresh Mode
s Internal Pipelined Operation; Column Address
can be changed every System Clock
s Programmable Burst Lengths: 1, 2, 4, 8 or Full
Page
s Auto Precharge and Precharge all Banks by A10
s Data Mask Function by DQM
s Mode Register Set Programming
s Programmable (CAS Latency: 3 Clocks)
Description
The V43648Y04V(C)TG-75 memory module is
organized 8,388,608 x 64 bits in a 144 pin
SODIMM. The 8M x 64 memory module uses 8
Mosel-Vitelic 4M x 16 SDRAM. The x64 modules
are ideal for use in high performance computer
systems where increased memory density and fast
access times are required.
Part Number
Speed Grade
Configuration
V43648Y04V(C)TG-75
-75 (133 MHz)
8M x 64
1
Pin 2 on Backside
Pin 144 on Backside
59
61
143
4M x 16
4M x 16
4M x 16
4M x 16


Similar Part No. - V43648Y04VCTG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43648Y04VCTG-10PC MOSEL-V43648Y04VCTG-10PC Datasheet
145Kb / 10P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
More results

Similar Description - V43648Y04VCTG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43648Z04VCTG-75 MOSEL-V43648Z04VCTG-75 Datasheet
136Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V43644Y04VCTG-75 MOSEL-V43644Y04VCTG-75 Datasheet
128Kb / 11P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V436516Z04VTG-75 MOSEL-V436516Z04VTG-75 Datasheet
152Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V43648S04VCTG-75 MOSEL-V43648S04VCTG-75 Datasheet
166Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V43648Y04VCTG-10PC MOSEL-V43648Y04VCTG-10PC Datasheet
145Kb / 10P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V43658Y04VATG-10PC MOSEL-V43658Y04VATG-10PC Datasheet
159Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V43658Y04VATG-75PC MOSEL-V43658Y04VATG-75PC Datasheet
71Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
V436616Y24V MOSEL-V436616Y24V Datasheet
327Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE SDRAM UNBUFFERED SODIMM
V436532S04VATG MOSEL-V436532S04VATG Datasheet
289Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com