Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP16DP05 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP16DP05
Description  Low voltage 16-bit constant current LED sink driver with outputs error detection
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16DP05 Datasheet(HTML) 5 Page - STMicroelectronics

  STP16DP05 Datasheet HTML 1Page - STMicroelectronics STP16DP05 Datasheet HTML 2Page - STMicroelectronics STP16DP05 Datasheet HTML 3Page - STMicroelectronics STP16DP05 Datasheet HTML 4Page - STMicroelectronics STP16DP05 Datasheet HTML 5Page - STMicroelectronics STP16DP05 Datasheet HTML 6Page - STMicroelectronics STP16DP05 Datasheet HTML 7Page - STMicroelectronics STP16DP05 Datasheet HTML 8Page - STMicroelectronics STP16DP05 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
STP16DP05
Electrical ratings
5/29
2.3
Recommended operating conditions
Table 6.
Recommended operating conditions
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDD
Supply voltage
3.0
5.5
V
VO
Output voltage
20
V
IO
Output current
OUTn
5
100
mA
IOH
Output current
SERIAL-OUT
+1
mA
IOL
Output current
SERIAL-OUT
-1
mA
VIH
Input voltage
0.7VDD
VDD+0.3
V
VIL
Input voltage
-0.3
0.3VDD
V
twLAT
LE\DM1 pulse width
VDD = 3.0 V to 5.0 V
20
ns
twCLK
CLK pulse width
20
ns
twEN
OE\DM2 pulse width
200
ns
tSETUP(D) Setup time for DATA
20
ns
tHOLD(D) Hold time for DATA
15
ns
tSETUP(L) Setup time for LATCH
15
ns
fCLK
Clock frequency
Cascade operation (1)
1.
If the device is connected in cascade, it may not be possible achieve the maximum data transfer.
Please consider the timings carefully.
30
MHz


Similar Part No. - STP16DP05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16DP05 STMICROELECTRONICS-STP16DP05 Datasheet
598Kb / 28P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
STP16DP05MTR STMICROELECTRONICS-STP16DP05MTR Datasheet
598Kb / 28P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
STP16DP05PTR STMICROELECTRONICS-STP16DP05PTR Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED Sink driver with outputs error detection
STP16DP05TTR STMICROELECTRONICS-STP16DP05TTR Datasheet
598Kb / 28P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
STP16DP05XTTR STMICROELECTRONICS-STP16DP05XTTR Datasheet
598Kb / 28P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
More results

Similar Description - STP16DP05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16DP05 STMICROELECTRONICS-STP16DP05 Datasheet
598Kb / 28P
   Low voltage 16-bit constant current LED sink driver with outputs error detection
STP16DPS05 STMICROELECTRONICS-STP16DPS05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED Sink driver with outputs error detection
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
STMicroelectronics
STP16DPP05 STMICROELECTRONICS-STP16DPP05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
STP08DP05 STMICROELECTRONICS-STP08DP05 Datasheet
531Kb / 30P
   Low voltage 8-Bit constant current Led sink with full outputs error detection
logo
List of Unclassifed Man...
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
   16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
STMicroelectronics
STP24DP05 STMICROELECTRONICS-STP24DP05 Datasheet
470Kb / 26P
   24-bit constant current LED sink driver with output error detection
STP16DPPS05 STMICROELECTRONICS-STP16DPPS05 Datasheet
666Kb / 35P
   Low voltage 16-bit constant current LED sink driver with output error detection and auto power-saving
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com