Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP7143SGC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP7143SGC
Description  T-1 3/4 (5mm) ROUND LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP7143SGC Datasheet(HTML) 1 Page - Kingbright Corporation

  WP7143SGC Datasheet HTML 1Page - Kingbright Corporation WP7143SGC Datasheet HTML 2Page - Kingbright Corporation WP7143SGC Datasheet HTML 3Page - Kingbright Corporation WP7143SGC Datasheet HTML 4Page - Kingbright Corporation WP7143SGC Datasheet HTML 5Page - Kingbright Corporation WP7143SGC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAE9407
REV NO: V.3
DATE: MAY/22/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1101002048
T-1 3/4 (5mm) ROUND LED LAMP
Part Number: WP7143SGC
Super Bright Green
Features
OUTSTANDING MATERIAL EFFICIENCY.
ELIABLE AND RUGGED.
IC COMPATIBLE/LOW CURRENT CAPABILITY.
RoHS COMPLIANT.
Description
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.


Similar Part No. - WP7143SGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7143SGC KINGBRIGHT-WP7143SGC_15 Datasheet
316Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
More results

Similar Description - WP7143SGC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7143SRC-D KINGBRIGHT-WP7143SRC-D_15 Datasheet
317Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
WP7143SRC-D KINGBRIGHT-WP7143SRC-D Datasheet
260Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
SunLED Corporation
LM2BG14W SUNLED-LM2BG14W Datasheet
175Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
Kingbright Corporation
WP7143SURC KINGBRIGHT-WP7143SURC Datasheet
102Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
SunLED Corporation
LM2CY14W SUNLED-LM2CY14W Datasheet
172Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
Kingbright Corporation
W7113MBDK KINGBRIGHT-W7113MBDK Datasheet
108Kb / 3P
   T-1 3/4 (5mm) ROUND LED LAMP
WP2523SURC-E KINGBRIGHT-WP2523SURC-E Datasheet
120Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
SunLED Corporation
LM2BB14W SUNLED-LM2BB14W Datasheet
178Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
Kingbright Corporation
WP7143SGC KINGBRIGHT-WP7143SGC_15 Datasheet
316Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
WP7143SURC-E KINGBRIGHT-WP7143SURC-E_15 Datasheet
318Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
WP7143SURC-E KINGBRIGHT-WP7143SURC-E Datasheet
257Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com