Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5090BATE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5090BATE
Description  2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5090BATE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5090BATE Datasheet HTML 1Page - Maxim Integrated Products MAX5090BATE Datasheet HTML 2Page - Maxim Integrated Products MAX5090BATE Datasheet HTML 3Page - Maxim Integrated Products MAX5090BATE Datasheet HTML 4Page - Maxim Integrated Products MAX5090BATE Datasheet HTML 5Page - Maxim Integrated Products MAX5090BATE Datasheet HTML 6Page - Maxim Integrated Products MAX5090BATE Datasheet HTML 7Page - Maxim Integrated Products MAX5090BATE Datasheet HTML 8Page - Maxim Integrated Products MAX5090BATE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2A, 76V, High-Efficiency MAXPower Step-Down
DC-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under "Absolute Maximum Ratings" may cause damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect device reliability.
(Voltages referenced to PGND, unless otherwise specified.)
VIN, DRAIN .............................................................-0.3V to +80V
SGND, PGND.………………………………………-0.3V to +0.3V
LX.................................................................-0.8V to (VIN + 0.3V)
BST ...............................................................-0.3V to (VIN + 10V)
BST to LX................................................................-0.3V to +10V
ON/OFF........................................................-0.3V to (VIN + 0.3V)
VD, SYNC ...............................................................-0.3V to +12V
SS…………………………………………………………-0.3 to +4V
FB
MAX5090A/MAX5090B…………….……… ...….-0.3V to +15V
MAX5090C ................1mA (internally clamped to +2V, -0.3V)
VOUT Short-Circuit Duration………………………… ...Continuous
VD Short-Circuit Duration………….............................Continuous
Continuous Power Dissipation (TA = +70°C)*
16-Pin TQFN (derate 33.3mW/°C above +70°C) ........2.667W
Operating Junction Temperature Range ...........-40°C to +125°C
Storage Temperature Range .........................…-65°C to +150°C
Junction Temperature……...……………………………….+150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VIN = +12V, VON/OFF = +12V, VSYNC = 0V, IOUT = 0, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at
TA = +25°C. See the Typical Operating Circuit.) (Note 1)
*As per JEDEC 51 Standard Multilayer Board.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
6.5
76.0
V
Undervoltage Lockout
UVLO
VIN rising
5.70
6.17
6.45
V
UVLO Hysteresis
UVLOHYS
0.5
V
MAX5090A
VIN = 6.5V to 76V, IOUT = 0 to 2A
3.20
3.3
3.39
MAX5090B
VIN = 7.5V to 76V, IOUT = 0 to 2A
4.85
5.0
5.15
Output Voltage
VOUT
MAX5090B
VIN = 7V to 76V, IOUT = 0 to 1A
4.85
5.0
5.15
V
Output Voltage Range
VOUT
MAX5090C only
1.265
11.000
V
Feedback Voltage
VFB
MAX5090C, VIN = 6.5V to 76V
1.191
1.228
1.265
V
MAX5090A
VIN = 12V, IOUT = 1A
80
MAX5090B
VIN = 12V, IOUT = 1A
88
Efficiency
η
MAX5090C
VIN = 12V, VOUT = 5V, IOUT = 1A
88
%
MAX5090A
VIN = 6.5V to 28V
310
550
MAX5090B
VIN = 7V to 28V
310
550
Quiescent Supply Current
(Note 2)
IQ
MAX5090C
VIN = 6.5V to 28V
310
550
µA
MAX5090A
VIN = 6.5V to 40V
310
570
MAX5090B
VIN = 7V to 40V
310
570
Quiescent Supply Current
(Note 2)
IQ
MAX5090C
VIN = 6.5V to 40V
310
570
µA
MAX5090A
VIN = 6.5V to 76V
310
650
MAX5090B
VIN = 7V to 76V
310
650
Quiescent Supply Current
(Note 2)
IQ
MAX5090C
VIN = 6.5V to 76V
310
650
µA
Shutdown Current
ISHDN
VON/OFF = 0V, VIN = 14V
19
45
µA
SOFT-START
Default Internal Soft-Start
Period
CSS = 0
700
µs
Soft-Start Charge Current
ISS
4.5
10
16.0
µA


Similar Part No. - MAX5090BATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5090BATE MAXIM-MAX5090BATE Datasheet
664Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090BATE MAXIM-MAX5090BATE Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
MAX5090BATE++ MAXIM-MAX5090BATE+ Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
More results

Similar Description - MAX5090BATE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090A MAXIM-MAX5090A_V01 Datasheet
2Mb / 17P
   2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
2014
MAX5033 MAXIM-MAX5033_V01 Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
MAX5033 MAXIM-MAX5033 Datasheet
292Kb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
   1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5082 MAXIM-MAX5082 Datasheet
404Kb / 18P
   1.5A, 40V, MAXPower Step-Down DC-DC Converters
Rev 0; 5/05
MAX5080 MAXIM-MAX5080 Datasheet
962Kb / 19P
   1A, 40V, MAXPower Step-Down DC-DC Converters
Rev 1; 2/07
MAX5080 MAXIM-MAX5080_V01 Datasheet
1Mb / 19P
   1A, 40V, MAXPower Step-Down DC-DC Converters
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com