Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7885 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7885
Description  10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7885 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS7885 Datasheet HTML 4Page - Burr-Brown (TI) ADS7885 Datasheet HTML 5Page - Burr-Brown (TI) ADS7885 Datasheet HTML 6Page - Burr-Brown (TI) ADS7885 Datasheet HTML 7Page - Burr-Brown (TI) ADS7885 Datasheet HTML 8Page - Burr-Brown (TI) ADS7885 Datasheet HTML 9Page - Burr-Brown (TI) ADS7885 Datasheet HTML 10Page - Burr-Brown (TI) ADS7885 Datasheet HTML 11Page - Burr-Brown (TI) ADS7885 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
1
2
3
11
12
14
15
CS
SCLK
SDO
0
0
D9
D8
D0
0
0
13
0
0
16
td1
td2
th1
tconv
tq
td3
tw1
b
tsu1
a
td4
tacq
a
ADS7885 NORMAL OPERATION
1
2
3
9
10
14
15
CS
SCLK
SDO
0
0
D7
D6
D0
0
0
11
0
0
16
td1
td2
th1
tconv
tq
td3
tw1
b
tsu1
a
td4
tacq
a
0
POWER DOWN MODE
ADS7884
ADS7885
SLAS567 – MARCH 2008
Figure 1. ADS7884 Interface Timing Diagram
The cycle begins with the falling edge of CS . This point is indicated as a in Figure 2. With the falling edge of CS,
the input signal is sampled and the conversion process is initiated. The device outputs data while the conversion
is in progress. The data word contains 2 leading zeros, followed by 8-bit data in MSB first format and padded by
6 lagging zeros.
The falling edge of CS clocks out the first zero, and a second zero is clocked out on FIRST falling edge of the
clock. Data is in MSB first format with the MSB being clocked out on the 3rd falling edge. Data is padded with six
lagging zeros as shown in Figure 2. On the 16th falling edge of SCLK, SDO goes to the 3-state condition. The
conversion ends on the first rising edge of SCLK after the 9th falling edge. At this point the device enters the
acquisition phase. This point is indicated by b in Figure 2.
Figure 2 shows device data is read in a sixteen clock frame. However, CS can be asserted (pulled high) any time
after 9 clocks have elapsed (after the 10th falling edge of SCLK). SDO goes to 3-state with the CS high level.
The next conversion should not be started (by pulling CS low) until the end of the quiet sampling time (tq) after
SDO goes to 3-state or until the minimum acquisition time (tacq) has elapsed. To continue normal operation, it is
necessary that CS is not pulled high until point b. Without this, the device does not enter the acquisition phase
and no valid data is available in the next cycle. (Also refer to the Powerdown Mode section for more details.) CS
going high any time after the conversion start aborts the ongoing conversion and SDO goes to 3-state.
The high level of the digital input to the device is not limited to device VDD. This means the digital input can go as
high as 5.5 V when the device supply is 2.7 V. This feature is useful when digital signals are coming from
another circuit with different supply levels. Also, this relaxes the restriction on powerup sequencing. However, the
digital output levels (VOH and VOL) are governed by VDD as listed in the Specifications section.
Figure 2. ADS7885 Interface Timing Diagram
The device enters powerdown mode if CS goes high anytime after the 2nd SCLK falling edge to before the 10th
SCLK falling edge. Ongoing conversion stops and SDO goes to 3-state under this powerdown condition as
shown in Figure 3.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7884 ADS7885


Similar Part No. - ADS7885

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7885 TI-ADS7885 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7885

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7887 BURR-BROWN-ADS7887 Datasheet
510Kb / 23P
   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7887 TI1-ADS7887_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-/8-Bit, 1.25-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI-ADS7886 Datasheet
1Mb / 17P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7886 TI1-ADS7886_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, 1-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
ADS7887M TI1-ADS7887M Datasheet
536Kb / 17P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7887M TI1-ADS7887M_14 Datasheet
499Kb / 19P
[Old version datasheet]   10-BIT 1.25-MSPS MICRO-POWER MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI1-ADS7883_14 Datasheet
1Mb / 20P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7883 TI-ADS7883_08 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7891IPFBT TI1-ADS7891IPFBT Datasheet
993Kb / 31P
[Old version datasheet]   14-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
ADS7882 TI1-ADS7882_14 Datasheet
1,021Kb / 30P
[Old version datasheet]   12-BIT, 3-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com