Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68AF127BM55MC1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M68AF127BM55MC1
Description  1Mbit 128K x8, 5V Asynchronous SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AF127BM55MC1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M68AF127BM55MC1 Datasheet HTML 3Page - STMicroelectronics M68AF127BM55MC1 Datasheet HTML 4Page - STMicroelectronics M68AF127BM55MC1 Datasheet HTML 5Page - STMicroelectronics M68AF127BM55MC1 Datasheet HTML 6Page - STMicroelectronics M68AF127BM55MC1 Datasheet HTML 7Page - STMicroelectronics M68AF127BM55MC1 Datasheet HTML 8Page - STMicroelectronics M68AF127BM55MC1 Datasheet HTML 9Page - STMicroelectronics M68AF127BM55MC1 Datasheet HTML 10Page - STMicroelectronics M68AF127BM55MC1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
M68AF127B
OPERATION
The M68AF127B has a Chip Enable power down
feature which invokes an automatic standby mode
whenever Chip Enable is de-asserted (E1 = High),
or Chip Select is asserted (E2 = Low). An Output
Enable (G) signal provides a high-speed, tri-state
control, allowing fast read/write cycles to be
achieved with the common I/O data bus. Opera-
tional modes are determined by device control in-
puts W and E1 as summarized in the Operating
Modes table (Table 2).
Read Mode
The M68AF127B is in the Read mode whenever
Write Enable (W) is High with Output Enable (G)
Low, Chip Enable (E1) is asserted and Chip Select
(E2) is de-asserted. This provides access to data
from eight of the 1,048,576 locations in the static
memory array, specified by the 17 address inputs.
Valid data will be available at the eight output pins
within tAVQV after the last stable address, provid-
ing G is Low and E1 is Low. If Chip Enable or Out-
put Enable access times are not met, data access
will be measured from the limiting parameter
(tELQV or tGLQV) rather than the address. Data out
may be indeterminate at tELQX and tGLQX, but data
lines will always be valid at tAVQV.
Write Mode
The M68AF127B is in the Write mode whenever
the W and E1 pins are Low and the E2 pin is High.
Either the Chip Enable input (E1) or the Write En-
able input (W) must be de-asserted during Ad-
dress transitions for subsequent write cycles.
Write begins with the concurrence of E1 being ac-
tive with W low. Therefore, address setup time is
referenced to Write Enable and Chip Enable as
tAVWL and tAVEH, respectively, and is determined
by the latter occurring edge.
The Write cycle can be terminated by the earlier
rising edge of E1, or W.
If the Output is enabled (E1 = Low, E2 = High and
G = Low), then W will return the outputs to high im-
pedance within tWLQZ of its falling edge. Care must
be taken to avoid bus contention in this type of op-
eration. Data input must be valid for tDVWH before
the rising edge of Write Enable, or for tDVEH before
the rising edge of E1, whichever occurs first, and
remain valid for tWHDX or tEHDX.
Table 2. Operating Modes
Note: X = VIH or VIL.
Operation
E1
E2
W
G
DQ0-DQ7
Power
Read
VIL
VIH
VIH
VIH
Hi-Z
Active (ICC)
Read
VIL
VIH
VIH
VIL
Data Output
Active (ICC)
Write
VIL
VIH
VIL
X
Data Input
Active (ICC)
Deselect
VIH
X
X
X
Hi-Z
Standby (ISB)
Deselect
X
VIL
X
X
Hi-Z
Standby (ISB)


Similar Part No. - M68AF127BM55MC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AF031A STMICROELECTRONICS-M68AF031A Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
M68AF031AL55B1E STMICROELECTRONICS-M68AF031AL55B1E Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
M68AF031AL55B1F STMICROELECTRONICS-M68AF031AL55B1F Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
M68AF031AL55B1T STMICROELECTRONICS-M68AF031AL55B1T Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
M68AF031AL55B6E STMICROELECTRONICS-M68AF031AL55B6E Datasheet
383Kb / 22P
   256 Kbit (32K x 8) 5.0V Asynchronous SRAM
More results

Similar Description - M68AF127BM55MC1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW127B STMICROELECTRONICS-M68AW127B Datasheet
327Kb / 20P
   1Mbit 128K x8, 3.0V Asynchronous SRAM
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
HMN1288D ETC-HMN1288D Datasheet
168Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
HMN1288J ETC1-HMN1288J Datasheet
158Kb / 8P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit),34Pin-JLCC, 5V
logo
Hanbit Electronics Co.,...
HMN1288D HANBIT-HMN1288D Datasheet
172Kb / 9P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
DLG Hanbit co.,Ltd.
HMN1288D DLGHANBIT-HMN1288D Datasheet
494Kb / 7P
   Non-Volatile SRAM MODULE 1Mbit (128K x 8-Bit), 32Pin-DIP, 5V
logo
White Electronic Design...
EDI8L24128C WEDC-EDI8L24128C Datasheet
300Kb / 5P
   128Kx24 Asynchronous SRAM, 5V
logo
GSI Technology
GS71108TP GSI-GS71108TP Datasheet
271Kb / 14P
   128K x 8 1Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com