Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV342AIDGKR Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV342AIDGKR
Description  LOW-VOLTAGE RAIL-TO-RAIT OUTPUT CMOS OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV342AIDGKR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV342AIDGKR Datasheet HTML 5Page - Texas Instruments TLV342AIDGKR Datasheet HTML 6Page - Texas Instruments TLV342AIDGKR Datasheet HTML 7Page - Texas Instruments TLV342AIDGKR Datasheet HTML 8Page - Texas Instruments TLV342AIDGKR Datasheet HTML 9Page - Texas Instruments TLV342AIDGKR Datasheet HTML 10Page - Texas Instruments TLV342AIDGKR Datasheet HTML 11Page - Texas Instruments TLV342AIDGKR Datasheet HTML 12Page - Texas Instruments TLV342AIDGKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TLV341, TLV342, TLV342S, TLV344
LOW VOLTAGE RAILTORAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLVS568C − JANUARY 2005 − REVISED NOVEMBER 2007
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
100
90
80
70
1.5
2
2.5
3
3.5
4
4.5
110
120
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
130
5
30
40
50
60
VCC − Supply Voltage − V
125
°C
85
°C
25
°C
−40
°C
Figure 2
−40 −20
0
20
40
60
80
100 120
140
INPUT BIAS CURRENT
vs
TEMPERATURE
TA − Free-Air Temperature − °C
V+ = 5 V
0.1
1
10
100
1,000
Figure 3
1.5
2
2.5
3
3.5
4
4.5
5
OUTPUT VOLTAGE SWING
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
RL = 2 kΩ
Negative Swing
Positive Swing
10
15
20
25
30
35
Figure 4
OUTPUT VOLTAGE SWING
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
1.5
2
2.5
3
3.5
4
4.5
5
RL = 10 kΩ
Negative Swing
Positive Swing
3
3.5
4
4.5
5
5.5
6
6.5
7


Similar Part No. - TLV342AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV342AIDGKR TI-TLV342AIDGKR Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV342AIDGKR TI-TLV342AIDGKR Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV342AIDGKR TI-TLV342AIDGKR Datasheet
1Mb / 33P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV342AIDGKR TI-TLV342AIDGKR Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV342AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
TLV341 TI-TLV341_10 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
TLV341 TI-TLV341 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com