Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320DM6446ZWT Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS320DM6446ZWT
Description  Digital Media System-on-Chip
Download  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6446ZWT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320DM6446ZWT Datasheet HTML 4Page - Texas Instruments TMS320DM6446ZWT Datasheet HTML 5Page - Texas Instruments TMS320DM6446ZWT Datasheet HTML 6Page - Texas Instruments TMS320DM6446ZWT Datasheet HTML 7Page - Texas Instruments TMS320DM6446ZWT Datasheet HTML 8Page - Texas Instruments TMS320DM6446ZWT Datasheet HTML 9Page - Texas Instruments TMS320DM6446ZWT Datasheet HTML 10Page - Texas Instruments TMS320DM6446ZWT Datasheet HTML 11Page - Texas Instruments TMS320DM6446ZWT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 231 page
background image
TMS320DM6446
Digital Media System-on-Chip
SPRS283F – DECEMBER 2005 – REVISED MARCH 2008
www.ti.com
TMS320DM6446 Revision History (continued)
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 6.10.1.2
Table 6-35, Switching Characteristics Over Recommended Operating Conditions for Asynchronous
EMIFA Eelctrical
Memory Cycles for EMIFA Module:
Data/Timing
Updated/changed the following parameter information:
Parameter NO. 4 tsu(EMCSL-EMOEL), Output setup time, EM_CS[5:2] low to EM_OE low (SS = 0) MAX
value from "(RS + 1) * E + 1.2" to "(RS + 1) * E + 1.4" ns
Parameter NO. 5 th(EMOEH-EMCSH), Output hold time, EM_OE high to EM_CS[5:2] high (SS = 0) MIN
value from "(RH + 1) * E - 1.3" to "(RH + 1) * E - 2.1" ns
Parameter NO. 5 th(EMOEH-EMCSH), Output hold time, EM_OE high to EM_CS[5:2] high (SS = 1) MIN
value from "-1.4" to "-2.2" ns
Parameter NO. 7 th(EMOEH-EMBAIV), Output hold time, EM_OE high to EM_BA[1:0] invalid MIN value
from "(RH + 1) * E - 2.1" to "(RH + 1) * E - 2.3" ns
Parameter NO. 9 th(EMOEH-EMAIV), Output hold time, EM_OE high to EM_A[21:0] invalid MIN value
from "(RH + 1) * E - 2.4" to "(RH + 1) * E - 2.6" ns
Parameter NO. 17 th(EMWEH-EMCSH), Output hold time, EM_WE high to EM_CS[5:2] high (SS = 0) MIN
value from "(WH + 1) * E - 1.4" to "(WH + 1) * E - 2.1" ns
Parameter NO. 17 th(EMWEH-EMCSH), Output hold time, EM_WE high to EM_CS[5:2] high (SS = 1) MIN
value from "-1.4" to "-2.1" ns
Parameter NO. 21 th(EMWEH-EMBAIV), Output hold time, EM_WE high to EM_BA[1:0] invalid MIN value
from "(WH + 1) * E - 2.2" to "(WH + 1) * E - 2.3" ns
Parameter NO. 23 th(EMWEH-EMAIV), Output hold time, EM_WE high to EM_A[21:0] invalid MIN value
from "(WH + 1) * E - 2.5" to "(WH + 1) * E - 2.6" ns
Section 6.11.2.4
Table 6-42, Timing Requirements for HDDIR:
ATA/CF HDDIR Timing
Added a new MAX value of "2.1" ns to NO. 1 tc ,Cycle time, ATA_CS[1:0] to HDDIR low
Section 6.13
Section 6.13, Video Processing Sub-System (VPSS) Overview:
Video Processing
Added "Alternatively, if the VPBE input clock ..." sentence to the "To ensure the color sub-carrier
Sub-System (VPSS)
frequency ..." paragraph
Overview
Section 6.13.2.3
Table 6-62, Switching Characteristics Over Recommended Operating Conditions for VPBE Control and
VPBE Electrical
Data Output With Respect to PCLK and VPBECLK:
Data/Timing
Split the MIN/MAX values for the A-513 and -594 speed devices
Updated/changed the A-513 device MAX value of Parameter NO. 13, td(PCLK-VDATAV), Delay time,
PCLK edge to VDATA valid from "13.3" to "13.6" ns
Updated/changed the A-513 device MAX value of Parameter NO. 31, td(VPBECLK-VDATAV), Delay time,
VPBECLK rising edge to VDATA valid from "13.3" to "13.6" ns
Table 6-63, Switching Characteristics Over Recommended Operating Conditions for VPBE Control and
Data Output With Respect to VCLK:
Added MODE column
Updated/changed the following Parameters:
Parameter NO. 23 td(VCLK-VCTLV), split into VCLK positive/negative; regardless of MODE
Parameter NO. 24 td(VCLKL-VCTLIV), split into VCLK positive/negative; regardless of MODE
Parameter NO. 25 td(VCLK-VDATAV), split into VCLK positive/negative; regardless of MODE
Parameter NO. 26 td(VCLKL-VDATAIV), split into VCLK positive/negative; separated by MODE: RGB
or YCC
Added associated MODE footnote
Section 6.13.2.4
Updated/changedFigure 6-54, Typical Output Circuit for NTSC/PAL Video From DACs
DAC Electrical
Data/Timing
Section 6.15.2
Table 6-71, USB2.0 Reigster Descriptions:
USB2.0 Peripheral
Added Core Registers header row
Register Description(s)
Deleted the 0x01C6 441F second address FIFOSIZE row
Updated/changed the registers for Control and Status Register for Endpoint 0, 1, 2, 3, and 4
regions
Section 6.15.3
Table 6-72, Switching Characteristics Over Recommended Operating Conditions for USB2.0:
USB2.0 Electrical
Updated/changed Parameter NO. 11 USB_R1 "UNIT" value from "
Ω" to "kΩ"
Data/Timing
Added Figure 6-60, USB Reference Resistor Routing (new)
Revision History
8
Submit Documentation Feedback


Similar Part No. - TMS320DM6446ZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6446ZWT TI-TMS320DM6446ZWT Datasheet
1Mb / 231P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6446ZWT TI1-TMS320DM6446ZWT Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media System-on-Chip
More results

Similar Description - TMS320DM6446ZWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6441 TI1-TMS320DM6441_15 Datasheet
1Mb / 236P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467T TI1-TMS320DM6467T_15 Datasheet
2Mb / 352P
[Old version datasheet]   Digital Media System-on-Chip
SM320DM6446-HIREL TI-SM320DM6446-HIREL_15 Datasheet
1Mb / 228P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6443 TI-TMS320DM6443_07 Datasheet
1Mb / 221P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTA TI1-TMS320DM6467CCUTA Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6441_101 TI-TMS320DM6441_101 Datasheet
1Mb / 232P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUTD7 TI-TMS320DM6467CCUTD7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_09 Datasheet
2Mb / 357P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467 TI-TMS320DM6467_08 Datasheet
2Mb / 340P
[Old version datasheet]   Digital Media System-on-Chip
TMS320DM6467CCUT7 TI-TMS320DM6467CCUT7 Datasheet
1Mb / 355P
[Old version datasheet]   Digital Media System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com