Part Name
         Description
TMS320C6713GDP225

 FLOATING-POINT DIGITAL SIGNAL PORCESSOR ( 148 Page)


TI
100% 
Zoom Out Zoom In
 99 page
background image
TMS320C6713
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SPRS186K − DECEMBER 2001 − REVISED OCTOBER 2005
99
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
Transmission Line
4.0 pF
1.85 pF
Z0 = 50
W
(see note)
Tester Pin Electronics
Data Sheet Timing Reference Point
Output
Under
Test
NOTE: The data sheet provides timing at the device pin. For output timing analysis, the tester pin electronics and its transmission line effects
must be taken into account. A transmission line with a delay of 2 ns or longer can be used to produce the desired transmission line effect.
The transmission line is intended as a load only. It is not necessary to add or subtract the transmission line delay (2 ns or longer) from
the data sheet timings.
42
W
3.5 nH
Device Pin
(see note)
Input requirements in this data sheet are tested with an input slew rate of < 4 Volts per nanosecond (4 V/ns) at the device pin.
Figure 22. Test Load Circuit for AC Timing Measurements
signal transition levels
All input and output timing parameters are referenced to 1.5 V for both “0” and “1” logic levels.
Vref = 1.5 V
Figure 23. Input and Output Voltage Reference Levels for AC Timing Measurements
All rise and fall transition timing parameters are referenced to VIL MAX and VIH MIN for input clocks, VOL MAX
and VOH MIN for output clocks.
Vref = VIL MAX (or VOL MAX)
Vref = VIH MIN (or VOH MIN)
Figure 24. Rise and Fall Transition Time Voltage Reference Levels



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TMS320C6727B_07Floating-Point Digital Signal Processors 1 2 3 4 5 MoreTexas Instruments
TMS320C6701_08FLOATING-POINT DIGITAL SIGNAL PROCESSOR 1 2 3 4 5 MoreTexas Instruments
TMS320C6711D_07FLOATING-POINT DIGITAL SIGNAL PROCESSOR 1 2 3 4 5 MoreTexas Instruments
SMJ320C6701_07FLOATING-POINT DIGITAL SIGNAL PROCESSOR 1 2 3 4 5 MoreTexas Instruments
TMS320C6713_05FLOATING-POINT DIGITAL SIGNAL PROCESSOR 1 2 3 4 5 MoreTexas Instruments
TMS320C6727_08Floating-Point Digital Signal Processors 1 2 3 4 5 MoreTexas Instruments
5685716-bit Digital Signal Controllers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
56F834516-bit Digital Signal Controllers 1 2 3 4 5 MoreFreescale Semiconductor, Inc
DSPIC30F4011High-Performance 16-Bit Digital Signal Controllers 1 2 3 4 5 MoreMicrochip Technology
TMS320F2809_07Digital Signal Processors 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl