Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ND39R1ASR-S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ND39R1ASR-S
Description  39 inch SEVEN-SEGMENT DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ND39R1ASR-S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  ND39R1ASR-S Datasheet HTML 1Page - List of Unclassifed Manufacturers ND39R1ASR-S Datasheet HTML 2Page - List of Unclassifed Manufacturers ND39R1ASR-S Datasheet HTML 3Page - List of Unclassifed Manufacturers ND39R1ASR-S Datasheet HTML 4Page - List of Unclassifed Manufacturers ND39R1ASR-S Datasheet HTML 5Page - List of Unclassifed Manufacturers ND39R1ASR-S Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AVA TECHNOLOGY CO.
Tape Specifications
(Units:mm)
THE CHIP ON BORAD OR SMT Reflow Soldering Instructions
Number of reflow process shall be 2 times or less and cooling
Process to normal temperature is required berween first and
Second soldering process.
Recommended Soldering Pattern
(Units:mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity, or wavelength), the typical accuracy of the
sorting process is as follow:
1. Wavelength:+/-1nm
2. Luminous Intensity:+/-15%
3. Forward Voltage:+/-0.1V
Note: Accuracy may depend on the sorting parameters.
PART NO.: ND39R1
PAGE: 6 of 6


Similar Part No. - ND39R1ASR-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ND39G1 ETC2-ND39G1 Datasheet
211Kb / 6P
   39 inch SEVEN-SEGMENT DISPLAY
ND39G1AYG-S ETC2-ND39G1AYG-S Datasheet
211Kb / 6P
   39 inch SEVEN-SEGMENT DISPLAY
ND39G1CYG-S ETC2-ND39G1CYG-S Datasheet
211Kb / 6P
   39 inch SEVEN-SEGMENT DISPLAY
More results

Similar Description - ND39R1ASR-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ND39G1 ETC2-ND39G1 Datasheet
211Kb / 6P
   39 inch SEVEN-SEGMENT DISPLAY
ND56G2 ETC2-ND56G2 Datasheet
281Kb / 5P
   56 inch SEVEN-SEGMENT DISPLAY
ND56G4 ETC2-ND56G4 Datasheet
449Kb / 5P
   56 inch SEVEN-SEGMENT DISPLAY
logo
Kingbright Corporation
SA50-21EWA KINGBRIGHT-SA50-21EWA Datasheet
91Kb / 3P
   14.2 MM (0.50 INCH) SEVEN SEGMENT DISPLAY
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
   SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
logo
Agilent(Hewlett-Packard...
HP5082-7740 HP-HP5082-7740 Datasheet
311Kb / 8P
   7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
logo
Siemens Semiconductor G...
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
   SEVEN SEGMENT DISPLAY 10mm
logo
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
logo
List of Unclassifed Man...
5611-BSR ETC2-5611-BSR Datasheet
60Kb / 2P
   Seven segment LED display
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com