Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ND56G4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ND56G4
Description  56 inch SEVEN-SEGMENT DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ND56G4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ND56G4 Datasheet HTML 1Page - List of Unclassifed Manufacturers ND56G4 Datasheet HTML 2Page - List of Unclassifed Manufacturers ND56G4 Datasheet HTML 3Page - List of Unclassifed Manufacturers ND56G4 Datasheet HTML 4Page - List of Unclassifed Manufacturers ND56G4 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AVA TECHNOLOGY CO.
DESCRIPTION• •
THE GREEN SOURCE COLOR DEVICES
ARE MADE WITH InGaAlP
SUBSTRATE LIGHT EMITTING DIODE
FEATURES
 0.56 inch (14.25 mm) DIGIT HEIGHT
 CONTINUOUS UNIFORM SEGMENTS
 LOW POWER REQUIREMENT
 EXCELLENT CHARACTERS APPEARANCE
 HIGH BRIGHTNESS & HIGH CONTRAST
 WIDE VIEWING ANGLE
 SOLID STATE RELIABILITY
 CATEGORIZED FOR LUMINOUS INTENSI TY
THE CHARACTERISTIC OF ENCAPXULATION
METHOD IS USE THE CHIP ON BORAD OR SMT
PART NO.: ND56G4
PAGE: 2 of 5


Similar Part No. - ND56G4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ND56G2 ETC2-ND56G2 Datasheet
281Kb / 5P
   56 inch SEVEN-SEGMENT DISPLAY
ND56G2A ETC2-ND56G2A Datasheet
281Kb / 5P
   56 inch SEVEN-SEGMENT DISPLAY
ND56G2C ETC2-ND56G2C Datasheet
281Kb / 5P
   56 inch SEVEN-SEGMENT DISPLAY
More results

Similar Description - ND56G4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ND56G2 ETC2-ND56G2 Datasheet
281Kb / 5P
   56 inch SEVEN-SEGMENT DISPLAY
ND39G1 ETC2-ND39G1 Datasheet
211Kb / 6P
   39 inch SEVEN-SEGMENT DISPLAY
ND39R1 ETC2-ND39R1 Datasheet
227Kb / 6P
   39 inch SEVEN-SEGMENT DISPLAY
logo
Kingbright Corporation
SA50-21EWA KINGBRIGHT-SA50-21EWA Datasheet
91Kb / 3P
   14.2 MM (0.50 INCH) SEVEN SEGMENT DISPLAY
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
List of Unclassifed Man...
LN2003 ETC1-LN2003 Datasheet
54Kb / 2P
   SEVEN SEGMENT DISPLAY -7.6mm (0.3 INCH) Dual
logo
LUMEX INC.
LDS-C514RI LUMEX-LDS-C514RI Datasheet
45Kb / 2P
   56 SINGLE DIGIT, SEVEN SEGMENT DISPLAY, 635mm, RED
logo
Agilent(Hewlett-Packard...
HP5082-7740 HP-HP5082-7740 Datasheet
311Kb / 8P
   7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display
logo
Siemens Semiconductor G...
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
   SEVEN SEGMENT DISPLAY 10mm
logo
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com