Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9223B082AL Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9223B082AL
Description  1A Driver Transistor Built-In Step-Down DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9223B082AL Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9223B082AL Datasheet HTML 1Page - Torex Semiconductor XC9223B082AL Datasheet HTML 2Page - Torex Semiconductor XC9223B082AL Datasheet HTML 3Page - Torex Semiconductor XC9223B082AL Datasheet HTML 4Page - Torex Semiconductor XC9223B082AL Datasheet HTML 5Page - Torex Semiconductor XC9223B082AL Datasheet HTML 6Page - Torex Semiconductor XC9223B082AL Datasheet HTML 7Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data Sheet
3
DC000019
XC9223/9224 Series
1A Driver Transistor Built-In Step-Down DC/DC Converters
Preliminary
PACKAGING INFORMATION
MSOP-10
USP-10
BLOCK DIAGRAM
0.15+0.01
0~5
O
-
3.00+0.10
-
(0.5)
(0.2)
Soldering fillet surface is not formed
because the sides of the pins are not plated.
2.7+0.05
0.30
0.15
2.30
(0.5)
0.2+0.05
.
.
LX
PGND
CE
FB
VD
VDOUT
AGND
Current
Feedback
VIN
MODE/
SYNC
VDIN
LIM
Current Limit
PFM
Buffer
Driver
Comparator
PWM
Error Amp.
Vref with
Soft-Start,
CE
PMW/PFM
Ramp Wave
Generator,
OCS
Thermal
Shutdown
Logic


Similar Part No. - XC9223B082AL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223B01AL TOREX-XC9223B01AL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01AR TOREX-XC9223B01AR Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DL TOREX-XC9223B01DL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01DR TOREX-XC9223B01DR Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9223B01SL TOREX-XC9223B01SL Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
More results

Similar Description - XC9223B082AL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9223 TOREX-XC9223 Datasheet
380Kb / 25P
   1A Driver Transistor Built-In Step-Down DC/DC Converters
XC9128 TOREX-XC9128 Datasheet
325Kb / 14P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9128 TOREX-XC9128_1 Datasheet
344Kb / 13P
   1A Driver Transistor Built-In, Step-Up DC/DC Converters
XC9250 TOREX-XC9250 Datasheet
985Kb / 28P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9270 TOREX-XC9270 Datasheet
1Mb / 27P
   30V Driver Transistor Built-In Step-Down DC/DC Converters
XC9246 TOREX-XC9246 Datasheet
1Mb / 31P
   16V Driver Transistor Built-In Step-Down DC/DC Converters
XC9131 TOREX-XC9131 Datasheet
774Kb / 28P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
XC9135 TOREX-XC9135 Datasheet
693Kb / 35P
   1A Driver Transistor Built-In, Multi Functional Step-Up DC/DC Converters
logo
Power Analog Micoelectr...
PAM2305 PAM-PAM2305 Datasheet
506Kb / 17P
   1A Step-Down DC-DC Converters
logo
Torex Semiconductor
XC9235 TOREX-XC9235_1 Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com