Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650242RHBTG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650242RHBTG4
Description  Power Management ICs for Li-Ion Powered Systems
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650242RHBTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS650242RHBTG4 Datasheet HTML 6Page - Texas Instruments TPS650242RHBTG4 Datasheet HTML 7Page - Texas Instruments TPS650242RHBTG4 Datasheet HTML 8Page - Texas Instruments TPS650242RHBTG4 Datasheet HTML 9Page - Texas Instruments TPS650242RHBTG4 Datasheet HTML 10Page - Texas Instruments TPS650242RHBTG4 Datasheet HTML 11Page - Texas Instruments TPS650242RHBTG4 Datasheet HTML 12Page - Texas Instruments TPS650242RHBTG4 Datasheet HTML 13Page - Texas Instruments TPS650242RHBTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
www.ti.com
TPS650240
,, TPS650241
TPS650242, TPS650243
TPS650244, TPS650245
SLVS774A – JUNE 2007 – REVISED DECEMBER 2007
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
DEFDCDC3
32
I
Input signal indicating VDCDC3 voltage.
TPS650240: 0 = 1.0V, 1 = 1.3V
TPS650241: 0 = 0.9V, 1 = 1.375V
TPS650242: 0 = 1.0V, 1 = 1.5V
TPS650243: 0 = 1.0V, 1 = 1.2V
TPS650244: 0 = 1.55V, 1 = 1.6V
TPS650245: 0 = 0.9V, 1 = 1.1V
EN_DCDC1
20
I
VDCDC1 enable pin. A logic high enables the regulator, a logic low disables the regulator.
EN_DCDC2
19
I
VDCDC2 enable pin. A logic high enables the regulator, a logic low disables the regulator.
EN_DCDC3
18
I
VDCDC3 enable pin. A logic high enables the regulator, a logic low disables the regulator.
LDO REGULATOR SECTION
VINLDO
15
I
Input voltage for LDO1 and LDO2
VLDO1
16
O
Output voltage of LDO1
VLDO2
14
O
Output voltage of LDO2
EN_LDO
17
I
Enable input for LDO1 and LDO2. Logic high enables the LDOs, logic low disables the LDOs
EN_Vdd_alive
24
I
Enable input for Vdd_alive LDO. Logic high enables the LDO, logic low disables the LDO
Vdd_alive
12
O
Output voltage for Vdd_alive
FB_LDO1
11
I
Feedback pin for LDO1
FB_LDO2
10
I
Feedback pin for LDO2
CONTROL AND I2C SECTION
MODE
23
I
Select between Power Safe Mode and forced PWM Mode for DCDC1, DCDC2 and DCDC3. In Power Safe
Mode PFM is used at light loads, PWM for higher loads. If PIN is set to high level, forced PWM Mode is
selected. If Pin has low level, then Device operates in Power Safe Mode.
PWRFAIL
21
O
Open drain output. Active low when PWRFAIL comparator indicates low VBAT condition.
PWRFAIL_SNS
30
I
Input for the comparator driving the /PWRFAIL output
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS650240 TPS650241 TPS650242 TPS650243 TPS650244 TPS650245


Similar Part No. - TPS650242RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650242RHBTG4 TI-TPS650242RHBTG4 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650242RHBTG4 TI-TPS650242RHBTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650242RHBTG4 TI1-TPS650242RHBTG4 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results

Similar Description - TPS650242RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI1-TPS650241-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com