Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS650240RHBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650240RHBT
Description  Power Management ICs for Li-Ion Powered Systems
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650240RHBT Datasheet(HTML) 1 Page - Texas Instruments

  TPS650240RHBT Datasheet HTML 1Page - Texas Instruments TPS650240RHBT Datasheet HTML 2Page - Texas Instruments TPS650240RHBT Datasheet HTML 3Page - Texas Instruments TPS650240RHBT Datasheet HTML 4Page - Texas Instruments TPS650240RHBT Datasheet HTML 5Page - Texas Instruments TPS650240RHBT Datasheet HTML 6Page - Texas Instruments TPS650240RHBT Datasheet HTML 7Page - Texas Instruments TPS650240RHBT Datasheet HTML 8Page - Texas Instruments TPS650240RHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TPS650240
,, TPS650241
TPS650242, TPS650243
TPS650244, TPS650245
SLVS774A – JUNE 2007 – REVISED DECEMBER 2007
www.ti.com
Power Management ICs for Li-Ion Powered Systems
• Thermal Shutdown Protection
• 1.6A, 1.0A or 0.8A, 97% Efficient Step-Down
Converter for System Voltage (VDCDC1)
• PDA
3.3V or 2.80V or Adjustable
• Cellular/Smart Phone
• 1.6A, 1.0A or 0.8A, up to 95% Efficient
• GPS
Step-Down Converter for Memory Voltage
• Digital Still Camera
(VDCDC2)
• Split Supply DSP and µP Solutions:, Samsung
1.8V or 2.5V or Adjustable
ARM-Based Processors, etc.
• 0.8A, 90% Efficient Step-Down Converter for
Processor Core (VDCDC3)
• Two Selectable Voltages for VDCDC3
The TPS65024x are integrated Power Management
TPS650240:
ICs for applications powered by one Li-Ion or
DEFDCDC3= LOW: VO = 1.0V
Li-Polymer cell, which require multiple power rails.
The
TPS65024x
provide
three
highly
efficient,
DEFDCDC3= HIGH: VO = 1.3V
step-down converters targeted at providing the core
TPS650241:
voltage, peripheral, I/O and memory rails in a
DEFDCDC3= LOW: VO = 0.9V
processor
based
system.
All
three
step-down
converters enter a low power mode at light load for
DEFDCDC3= HIGH: VO= 1.375V
maximum efficiency across the widest possible range
TPS650242:
of load currents. The converters can be forced into
DEFDCDC3= LOW: VO = 1.0V
fixed frequency PWM mode by pulling the MODE pin
DEFDCDC3= HIGH: VO = 1.5V
high. The TPS65024x also integrate two general
purpose 200mA LDO voltage regulators, which are
TPS650243:
enabled with an external input pin. Each LDO
DEFDCDC3= LOW: VO = 1.0V
operates with an input voltage range between 1.5V
DEFDCDC3= HIGH: VO = 1.2V
and 6.5V allowing them to be supplied from one of
the step-down converters or directly from the battery.
TPS650244:
The output voltage of the LDOs can be set with an
DEFDCDC3= LOW: VO = 1.55V
external
resistor
divider
for
maximum
flexibility.
DEFDCDC3= HIGH: VO = 1.6V
Additionally there is a 30mA LDO typically used to
provide power in a processor based system to a
TPS650245:
voltage rail that is always on. TPS65024x provide
DEFDCDC3= LOW: VO = 0.9V
voltage scaling on DCDC3 using the DEFDCDC3 pin.
DEFDCDC3= HIGH: VO = 1.1V
This pin either needs to be connected to a logic HIGH
or logic LOW level to set the output voltage of
• 30mA LDO for Vdd_alive
DCDC3. TPS65024x come in a small 5mm x 5mm 32
• 2 × 200mA General Purpose LDOs (LDO1 and
pin QFN package (RHB).
LDO2)
• Dynamic Voltage Management for Processor
Core
• LDO1 and LDO2 Voltage Externally Adjustable
• Separate Enable Pins for Inductive Converters
• 2.25MHz Switching Frequency
• 85µA Quiescent Current
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS650240RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240RHBT TI-TPS650240RHBT Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBT TI-TPS650240RHBT Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBT TI1-TPS650240RHBT Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBTG4 TI-TPS650240RHBTG4 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240RHBTG4 TI-TPS650240RHBTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results

Similar Description - TPS650240RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI1-TPS650241-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com