Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA6120A2DWPRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPA6120A2DWPRG4
Description  HIGH FIDELITY HEADPHONE AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA6120A2DWPRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPA6120A2DWPRG4 Datasheet HTML 6Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 7Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 8Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 9Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 10Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 11Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 12Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 13Page - Texas Instruments TPA6120A2DWPRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
100
120
110
130
1
10
20
30
40
50
60
70
Gain − V/V
80
90 100
VCC = +12 V
RI = 64 W
RI = 32 W
105
115
125
100
105
110
115
120
125
130
1
10
20
30
40
50
60
70
Gain − V/V
80
90 100
VCC = +15 V
THD+N, RI = 64 W
THD+N, RI = 32 W
0
Output Step (Peak−To−Peak) − V
1500
100
20
900
5
1100
700
10
1300
500
300
VCC = ± 15 V
Gain = 5 V/V
RF = 1 kΩ
RL = 25 Ω
15
+SR
−SR
0
Output Step (Peak−To−Peak) − V
1000
100
5
700
1
800
600
2
3
900
500
300
4
VCC = ± 5 V
Gain = 2 V/V
RF = 1 kΩ
RL = 25 Ω
400
200
+SR
−SR
TPA6120A2
SLOS431 – MARCH 2004
TYPICAL CHARACTERISTICS (continued)
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE RATIO
vs
vs
GAIN
GAIN
Figure 15.
Figure 16.
SLEW RATE
SLEW RATE
vs
vs
OUTPUT STEP
OUTPUT STEP
Figure 17.
Figure 18.
10


Similar Part No. - TPA6120A2DWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6120A2DWPRG4 TI1-TPA6120A2DWPRG4 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
More results

Similar Description - TPA6120A2DWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
LME49600 TI1-LME49600 Datasheet
439Kb / 21P
[Old version datasheet]   High-Performance, High-Fidelity, High-Current Headphone Buffer
logo
National Semiconductor ...
LME49723 NSC-LME49723 Datasheet
640Kb / 24P
   Dual High Fidelity Audio Operational Amplifier
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
logo
Texas Instruments
LME49710 TI1-LME49710 Datasheet
1Mb / 34P
[Old version datasheet]   High-Performance, High-Fidelity Audio Operational Amplifier
LME49723 TI1-LME49723 Datasheet
1Mb / 26P
[Old version datasheet]   Dual High Fidelity Audio Operational Amplifier
LME49710 TI1-LME49710_14 Datasheet
1Mb / 33P
[Old version datasheet]   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com