Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320F240 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS320F240
Description  DSP CONTROLLER
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F240 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320F240 Datasheet HTML 2Page - Texas Instruments TMS320F240 Datasheet HTML 3Page - Texas Instruments TMS320F240 Datasheet HTML 4Page - Texas Instruments TMS320F240 Datasheet HTML 5Page - Texas Instruments TMS320F240 Datasheet HTML 6Page - Texas Instruments TMS320F240 Datasheet HTML 7Page - Texas Instruments TMS320F240 Datasheet HTML 8Page - Texas Instruments TMS320F240 Datasheet HTML 9Page - Texas Instruments TMS320F240 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 105 page
background image
TMS320F240
DSP CONTROLLER
SPRS042E – OCTOBER 1996 – REVISED NOVEMBER 2002
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Terminal Functions (Continued)
TERMINAL
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
EXTERNAL INTERFACE CONTROL SIGNALS (CONTINUED)
BR
5
O/Z
Bus request. BR is asserted during access of external global data memory space. BR can be
used to extend the data memory address space by up to 32K words. BR goes in the
high-impedance state during reset, power down, and when EMU1/OFF is active low.
VCCP/WDDIS
50
I
Flash-programming voltage supply. If VCCP = 5 V, then WRITE/ERASE can be made to the
ENTIRE on-chip flash memory block—that is, for programming the flash. If VCCP = 0 V, then
WRITE/ERASE of the flash memory is not allowed, thereby protecting the entire memory block
from being overwritten. VCCP/WDDIS also functions as a hardware watchdog disable. The
watchdog timer is disabled when VCCP/WDDIS = 5 V and bit 6 in WDCR is set to 1.
ADC INPUTS (UNSHARED)
ADCIN2
74
I
ADCIN3
75
I
ADCIN4
76
I
Analog inp ts to the first ADC
ADCIN5
77
I
Analog inputs to the first ADC
ADCIN6
78
I
ADCIN7
79
I
ADCIN10
89
I
ADCIN11
88
I
ADCIN12
83
I
Analog inp ts to the second ADC
ADCIN13
82
I
Analog inputs to the second ADC
ADCIN14
81
I
ADCIN15
80
I
BIT I/O AND SHARED FUNCTIONS PINS
ADCIN0/IOPA0
72
I/O
Bidirectional digital I/O.
Analog input to the first ADC.
ADCIN0/IOPA0 is configured as a digital input by all device resets.
ADCIN1/IOPA1
73
I/O
Bidirectional digital I/O.
Analog input to the first ADC.
ADCIN1/IOPA1 is configured as a digital input by all device resets.
ADCIN9/IOPA2
90
I/O
Bidirectional digital I/O.
Analog input to the second ADC.
ADCIN9/IOPA2 is configured as a digital input by all device resets.
ADCIN8/IOPA3
91
I/O
Bidirectional digital I/O.
Analog input to the second ADC.
ADCIN8/IOPA3 is configured as a digital input by all device resets.
PWM7/CMP7/IOPB0
100
I/O/Z
Bidirectional digital I/O. Simple compare/PWM 1 output. The state of PWM7/CMP7/IOPB0 is
determined by the simple compare/PWM and the simple action control register (SACTR). It
goes
to
the
high-impedance
state
when
unmasked
PDPINT
goes
active
low.
PWM7/CMP7/IOPB0 is configured as a digital input by all device resets.
PWM8/CMP8/IOPB1
101
I/O/Z
Bidirectional digital I/O. Simple compare/PWM 2 output. The state of PWM8/CMP8/IOPB1 is
determined by the simple compare/PWM and the SACTR. It goes to the high-impedance state
when unmasked PDPINT goes active low. PWM8/CMP8/IOPB1 is configured as a digital input
by all device resets.
PWM9/CMP9/IOPB2
102
I/O/Z
Bidirectional digital I/O. Simple compare/PWM 3 output. The state of PWM9/CMP9/IOPB2 is
determined by the simple compare/PWM and SACTR. It goes to the high-impedance state
when unmasked PDPINT goes active low. PWM9/CMP9/IOPB2 is configured as a digital input
by all device resets.
† I = input, O = output, Z = high impedance


Similar Part No. - TMS320F240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F240 TI-TMS320F240 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLERS
TMS320F240 TI-TMS320F240 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
TMS320F240 TI-TMS320F240 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
TMS320F240PQ TI-TMS320F240PQ Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLERS
TMS320F240PQ TI-TMS320F240PQ Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
More results

Similar Description - TMS320F240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F240PQG4 TI-TMS320F240PQG4 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
SMJ320F240 TI-SMJ320F240 Datasheet
1Mb / 99P
[Old version datasheet]   DSP CONTROLLER
SMJ320F240HFPM40 TI-SMJ320F240HFPM40 Datasheet
1Mb / 104P
[Old version datasheet]   DSP CONTROLLER
TMS320C242 TI-TMS320C242 Datasheet
803Kb / 66P
[Old version datasheet]   DSP CONTROLLER
TMS320F240 TI-TMS320F240_08 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
logo
Analog Devices
ADSP-21990 AD-ADSP-21990 Datasheet
2Mb / 50P
   Mixed-Signal DSP Controller
REV. A
ADSP-21990 AD-ADSP-21990_15 Datasheet
2Mb / 50P
   Mixed-Signal DSP Controller
REV. A
ADSP-21991 AD-ADSP-21991_15 Datasheet
594Kb / 44P
   Mixed Signal DSP Controller
REV. 0
ADMC331BSTZ AD-ADMC331BSTZ Datasheet
247Kb / 36P
   Single Chip DSP Motor Controller
REV. B
ADMC331 AD-ADMC331_15 Datasheet
247Kb / 36P
   Single Chip DSP Motor Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com