Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE450HD6330JR06L2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PHE450HD6330JR06L2
Description  Double metallized film pulse capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PHE450HD6330JR06L2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PHE450HD6330JR06L2 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHE450HD6330JR06L2 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHE450HD6330JR06L2 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHE450HD6330JR06L2 Datasheet HTML 7Page - List of Unclassifed Manufacturers PHE450HD6330JR06L2 Datasheet HTML 8Page - List of Unclassifed Manufacturers PHE450HD6330JR06L2 Datasheet HTML 9Page - List of Unclassifed Manufacturers PHE450HD6330JR06L2 Datasheet HTML 10Page - List of Unclassifed Manufacturers PHE450HD6330JR06L2 Datasheet HTML 11Page - List of Unclassifed Manufacturers PHE450HD6330JR06L2 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
243
PHE450
ARTICLE TABLE
Capaci-
Max dimensions in mm
Quantity per package
Weight
Max
Rthha °C/W
Article code
tance
dU/dt
85 °C
µ F
B
H
L
p
Bulk
Tray
Reel
Ammo
g
V/µs
0.2 m/s
1000 VDC / 600 VAC
(2 section)
LEAD SPACING 37.5 MM
0.33
13.0
24.0
41.0
37.5
140
16.6
800
28
PHE450PR6330JR06L2
0.39
13.0
24.0
41.0
37.5
140
16.6
800
28
PHE450PR6390JR06L2
0.47
13.0
24.0
41.0
37.5
140
16.6
800
28
PHE450PR6470JR06L2
0.56
15.0
26.0
41.0
37.5
119
20.8
800
27
PHE450PR6560JR06L2
0.68
16.5
32.0
41.0
37.5
105
28.1
800
25
PHE450PR6680JR06L2
0.82
16.5
32.0
41.0
37.5
105
28.1
800
25
PHE450PR6820JR06L2
1.0
19.0
36.0
41.0
37.5
91
36.5
800
20
PHE450PR7100JR06L2
1.2
19.0
36.0
41.0
37.5
91
36.5
800
19
PHE450PR7120JR06L2
1600 VDC / 650 VAC
(2 section)
LEAD SPACING 15 MM
0.0027
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450RB4270JR06
0.0033
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450RB4330JR06
0.0039
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450RB4390JR06
0.0047
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450RB4470JR06
0.0056
5.5
10.5
18.0
15.0
1000
600
1.5
2500
98
PHE450RB4560JR06
0.0068
5.5
10.5
18.0
15.0
1000
600
1.5
2500
99
PHE450RB4680JR06
0.0082
5.5
10.5
18.0
15.0
1000
600
1.5
2500
99
PHE450RB4820JR06
0.010
5.5
10.5
18.0
15.0
1000
600
1.5
2500
99
PHE450RB5100JR06
0.012
5.5
10.5
18.0
15.0
1000
600
1.5
2500
99
PHE450RB5120JR06
0.015
5.5
12.5
18.0
15.0
1000
600
1.7
2500
90
PHE450RB5150JR06
0.018
6.5
12.5
18.0
15.0
1000
500
2.0
2500
88
PHE450RB5180JR06
0.022
6.5
12.5
18.0
15.0
1000
500
2.0
2500
89
PHE450RB5220JR06
0.027
7.5
14.5
18.0
15.0
800
400
2.7
2500
80
PHE450RB5270JR06
0.033
8.0
15.0
18.0
15.0
600
400
3.0
2500
75
PHE450RB5330JR06
0.039
8.5
16.0
18.0
15.0
600
400
3.4
2500
73
PHE450RB5390JR06
0.047
9.5
17.5
18.0
15.0
500
350
4.2
2500
60
PHE450RB5470JR06
0.056
9.5
17.5
18.0
15.0
500
350
4.2
2500
60
PHE450RB5560JR06
LEAD SPACING 22.5 MM
0.010
6.5
14.5
26.0
22.5
234
3.2
1800
60
PHE450RD5100JR06L2
0.012
6.5
14.5
26.0
22.5
234
3.2
1800
60
PHE450RD5120JR06L2
0.015
6.5
14.5
26.0
22.5
234
3.2
1800
60
PHE450RD5150JR06L2
0.018
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450RD5180JR06L2
0.022
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450RD5220JR06L2
0.027
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450RD5270JR06L2
0.033
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450RD5330JR06L2
0.039
6.5
14.5
26.0
22.5
234
3.2
1800
58
PHE450RD5390JR06L2
0.047
7.0
16.5
26.0
22.5
216
3.9
1800
55
PHE450RD5470JR06L2
0.056
7.0
16.5
26.0
22.5
216
3.9
1800
55
PHE450RD5560JR06L2
0.068
9.0
18.5
26.0
22.5
168
5.6
1800
50
PHE450RD5680JR06L2
0.082
9.0
18.5
26.0
22.5
168
5.6
1800
50
PHE450RD5820JR06L2
0.10
10.5
19.0
26.0
22.5
264
6.7
1800
48
PHE450RD6100JR06L2
0.12
11.0
21.5
26.0
22.5
253
8.0
1800
45
PHE450RD6120JR06L2
0.15
13.5
23.0
26.0
22.5
209
10.0
1800
40
PHE450RD6150JR06L2
0.18
13.5
23.0
26.0
22.5
209
10.0
1800
40
PHE450RD6180JR06L2
0.22
15.5
24.5
26.0
22.5
176
12.0
1800
34
PHE450RD6220JR06L2
LEAD SPACING 27.5 MM
0.082
10.5
20.5
31.5
27.5
216
8
1300
37
PHE450RF5820JR06L2
0.10
10.5
20.5
31.5
27.5
216
8
1300
37
PHE450RF6100JR06L2
0.12
10.5
20.5
31.5
27.5
216
8
1300
37
PHE450RF6120JR06L2
0.15
11.5
22.5
31.5
27.5
198
10.6
1300
36
PHE450RF6150JR06L2
0.18
13.5
23.0
31.5
27.5
153
14.5
1300
35
PHE450RF6180JR06L2
0.22
14.5
24.5
31.5
27.5
153
14.5
1300
35
PHE450RF6220JR06L2
0.27
17.5
28.0
31.5
27.5
126
19.7
1300
32
PHE450RF6270JR06L2
0.33
19.0
29.0
31.5
27.5
117
22.1
1300
28
PHE450RF6330JR06L2
0.39
21.0
30.0
31.5
27.5
108
25.3
1300
25
PHE450RF6390JR06L2


Similar Part No. - PHE450HD6330JR06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450HD5180FB04R06 KEMET-PHE450HD5180FB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HD5180GB04R06 KEMET-PHE450HD5180GB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HD5180HB04R06 KEMET-PHE450HD5180HB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HD5180JB04R06 KEMET-PHE450HD5180JB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
PHE450HD5180KB04R06 KEMET-PHE450HD5180KB04R06 Datasheet
1Mb / 25P
   PHE450 Series Double Metallized Polypropylene Film
More results

Similar Description - PHE450HD6330JR06L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE427 ETC2-PHE427 Datasheet
79Kb / 7P
   Double metallized film pulse capacitor
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
BFC238370682 VISHAY-BFC238370682 Datasheet
217Kb / 26P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
MKP383 VISHAY-MKP383 Datasheet
165Kb / 16P
   AC and Pulse Double Metallized Polypropylene Film Capacitors
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
logo
Kemet Corporation
R76ID1680XX3XX KEMET-R76ID1680XX3XX Datasheet
990Kb / 12P
   POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
logo
Vishay Siliconix
MKC1858 VISHAY-MKC1858 Datasheet
204Kb / 3P
   Metallized Polycarbonate Film Capacitor
Revision: 05-Jul-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com