Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5901A Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SA5901A
Description  4-CHANNEL MOTOR DRIVER FOR PORTABLE CD PLAYER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA5901A Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SA5901A Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA5901A Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA5901A Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA5901A Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA5901A Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA5901A Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA5901A Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA5901A Datasheet HTML 9Page - Silan Microelectronics Joint-stock SA5901A Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SA5901
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.3
2006.02.27
Http: www.silan.com.cn
Page 6 of 24
(Continued)
Characteristics
Symbol
Test conditions
Min. Typ. Max. Unit
Test
circuit No
Interface section
OFF pin threshold voltage
VOFTH EI=1.3V
--
--
VSYS
1-2.0
V
Test
circuit 1
50
OFF pin bias current
IOFF
OFF=0V
75
95
115
µA
Test
circuit 1
51
START pin ON threshold voltage VSTATH1 VSYS1=VSYS2=0V, CT=2V
--
--
BATT
-1.0
V
Test
circuit 1
52
START pin OFF threshold
voltage
VSTATH2 VSYS1=VSYS2=0V, CT=2V
BAT
T-0.3
--
--
V
Test
circuit 1
53
START pin bias current
ISTART START=0V
13
16
19
µA
Test
circuit 1
54
CLK pin threshold voltage H
VCLKTHH
2.0
--
--
V
Test
circuit 3
55
CLK pin threshold voltage L
VCLKTHL
--
--
0.8
V
Test
circuit 3
56
CLK pin bias current
ICLK
CLK=3.2V
--
--
10
µA
Test
circuit 1
57
Starter circuit section
Starter switching voltage
VSTNM
VSYS1=VSYS2=0V
→3.2V,
START=0V
2.3
2.5
2.7
V
Test
circuit 1
58
Starter switching hysteresis
width
VSNHS START=0V
130
200
300
mV
Test
circuit 1
59
Discharge release voltage
VDIS
1.63 1.83 2.03
V
Test
circuit 1
60
Empty detection section
Empty detection voltage 1
VEMPT1 VSEL=0V
2.1
2.2
2.3
V
Test
circuit 3
61
Empty detection voltage 2
VEMPT2 ISEL=-2
µA
1.7
1.8
1.9
V
Test
circuit 3
62
Empty detection hysteresis width 1 VEMHS1 VSEL=0V
25
50
100
mV
Test
circuit 3
63
Empty detection hysteresis width 2 VEMHS2 ISEL=-2
µA
25
50
100
mV
Test
circuit 3
64
EMP pin output voltage
VEMP
IO=1mA, BSEN=1V
--
--
0.5
V
Test
circuit 3
65
EMP pin output leak current
IEMPL
BSEN=2.4V
--
--
1.0
µA
Test
circuit 3
66
BSEN pin input resistance
RBSEN VSEL=0V
17
2.3
27
k
Test
circuit 3
67
(To be continued)


Similar Part No. - SA5901A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA5954 ETC1-SA5954 Datasheet
278Kb / 7P
   SA5954
logo
Silan Microelectronics ...
SA5954 SILAN-SA5954 Datasheet
237Kb / 7P
   ACTUATOR DRIVER WITH CURRENT FEEDBACK FOR CD - ROM / DVD
More results

Similar Description - SA5901A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8107M SANYO-LB8107M Datasheet
242Kb / 10P
   Portable CD Player Actuator Driver
logo
Aimtron Technology
AT5658 AIMTRON-AT5658 Datasheet
283Kb / 8P
   4-ch Motor Driver for CD/VCD Player
logo
Panasonic Semiconductor
AN8746SA PANASONIC-AN8746SA Datasheet
53Kb / 5P
   PWM driver IC for portable CD player
logo
Minilogic Device Corpor...
ML1538 MINILOGIC-ML1538 Datasheet
1Mb / 17P
   4-ch Motor Driver for Portable CD players
logo
Unisonic Technologies
MM1538 UTC-MM1538 Datasheet
393Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Mitsumi Electronics, Co...
MM1538 MITSUMI-MM1538 Datasheet
894Kb / 24P
   4ch Moter driver IC for Portable CD Player
logo
Unisonic Technologies
UA1538 UTC-UA1538 Datasheet
358Kb / 18P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Wuxi Youda electronics ...
YD5901 YOUDA-YD5901 Datasheet
125Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
Unisonic Technologies
UA1538 UTC-UA1538_15 Datasheet
448Kb / 21P
   4-CH MOTOR DRIVER FOR PORTABLE CD PLAYERS
logo
List of Unclassifed Man...
YD5901 ETC1-YD5901 Datasheet
84Kb / 10P
   4-ch MOTOR DRIVER FOR PORTABLE CD PLAYERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com