Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4535CUD Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4535CUD
Description  Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4535CUD Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4535CUD Datasheet HTML 3Page - Maxim Integrated Products MAX4535CUD Datasheet HTML 4Page - Maxim Integrated Products MAX4535CUD Datasheet HTML 5Page - Maxim Integrated Products MAX4535CUD Datasheet HTML 6Page - Maxim Integrated Products MAX4535CUD Datasheet HTML 7Page - Maxim Integrated Products MAX4535CUD Datasheet HTML 8Page - Maxim Integrated Products MAX4535CUD Datasheet HTML 9Page - Maxim Integrated Products MAX4535CUD Datasheet HTML 10Page - Maxim Integrated Products MAX4535CUD Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Fault-Protected, High-Voltage,
Single 4-to-1/Dual 2-to-1 Multiplexers
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(V+ = +15V, V- = -15V, TA = +25°C, unless otherwise noted.)
0
300
200
100
500
400
900
800
700
600
1000
02468
10
12
14
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
V+ = +12V
V- = 0
+125°C
-55°C
+70°C
-40°C
+85°C
+25°C
0.1p
1p
100p
10p
10n
100n
1n
1
µ
-55
-5
20
-30
45
70
95
120 145
LEAKAGE CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
ICOM_OFF
ICOM_ON
INO_OFF
-3
-1
-2
1
0
3
2
4
-15
-5
0
-10
5
10
15
CHARGE INJECTION vs. VNO
(DUAL AND SINGLE SUPPLIES)
VNO (V)
V+ = 12V
V- = 0
V+ = +15V
V- = -15V
0
100
50
200
150
250
300
350
400
±4
±8 ±10
±6
±12 ±14 ±16 ±18 ±20
ENABLE ON/OFF-TIMES vs.
SUPPLY VOLTAGE (DUAL SUPPLIES)
SUPPLY VOLTAGE (V)
tON
tOFF
0
150
100
50
250
200
450
400
350
300
500
05
10
15
20
25
30
35
ENABLE ON/OFF-TIMES vs.
SUPPLY VOLTAGE (SINGLE SUPPLY)
SUPPLY VOLTAGE (V)
tON
tOFF
0
60
40
20
100
80
180
160
140
120
200
-40
-20
0
20
40
60
80
ENABLE ON/OFF-TIMES
vs. TEMPERATURE
TEMPERATURE (
°C)
tON
tOFF
-250
-100
-150
-200
0
-50
200
150
100
50
250
-40
-20
0
20
40
60
80
POWER-SUPPLY CURRENT vs.
TEMPERATURE (VAO = VA1 = VEN = 0)
TEMPERATURE (°C)
I+
IGND
I-
-300
0
-100
-200
200
100
400
300
500
-40
-20
0
20
40
60
80
POWER-SUPPLY CURRENT vs.
TEMPERATURE (VAO = VA1 = VEN = 5V)
TEMPERATURE (
°C)
I+
IGND
I-
I+
0
100
50
150
250
200
300
04
6
28
10
12
14
POWER-SUPPLY CURRENT
vs. LOGIC VOLTAGE (VA_, VEN)
VA_, VEN (V)
V+ = 12V
V- = 0


Similar Part No. - MAX4535CUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4535CUD MAXIM-MAX4535CUD Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
More results

Similar Description - MAX4535CUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
   High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
   Dual 4 to 1 Multiplexers
logo
Maxim Integrated Produc...
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com