Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M59DR008F120N1T Datasheet(PDF) 10 Page - STMicroelectronics

Part # M59DR008F120N1T
Description  8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR008F120N1T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M59DR008F120N1T Datasheet HTML 6Page - STMicroelectronics M59DR008F120N1T Datasheet HTML 7Page - STMicroelectronics M59DR008F120N1T Datasheet HTML 8Page - STMicroelectronics M59DR008F120N1T Datasheet HTML 9Page - STMicroelectronics M59DR008F120N1T Datasheet HTML 10Page - STMicroelectronics M59DR008F120N1T Datasheet HTML 11Page - STMicroelectronics M59DR008F120N1T Datasheet HTML 12Page - STMicroelectronics M59DR008F120N1T Datasheet HTML 13Page - STMicroelectronics M59DR008F120N1T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
M59DR008E, M59DR008F
10/37
Bank Erase (BKE) Instruction. This instruction
uses six write cycles and is used to erase all the
blocks belonging to the selected bank. The Erase
Set-up command 80h is written to address 555h
on the third cycle after the two Coded cycles. The
Bank Erase Confirm command 10h is similarly
written on the sixth cycle after another two Coded
cycles at an address within the selected bank. If
the second command given is not an erase con-
firm or if the Coded cycles are wrong, the instruc-
tion aborts and the device is reset to Read Array.
It is not necessary to program the array with 00h
first as the P/E.C. will automatically do this before
erasing it to FFh. Read operations within the same
bank after the sixth rising edge of W or E output
the Status Register bits. During the execution of
the erase by the P/E.C., Data Polling bit DQ7 re-
turns ’0’, then ’1’ on completion. The Toggle bit
DQ6 toggles during erase operation and stops
when erase is completed. After completion the
Status Register bit DQ5 returns ’1’ if there has
been an Erase Failure.
Erase Suspend (ES) Instruction. In a dual bank
memory the Erase Suspend instruction is used to
read data within the bank where erase is in
progress. It is also possible to program data in
blocks not being erased.
The Erase Suspend instruction consists of writing
the command B0h without any specific address.
No Coded Cycles are required. Erase suspend is
accepted only during the Block Erase instruction
execution. The Toggle bit DQ6 stops toggling
when the P/E.C. is suspended within 15µs after
the Erase Suspend (ES) command has been writ-
ten. The device will then automatically be set to
Read Memory Array mode. When erase is sus-
pended, a Read from blocks being erased will out-
put DQ2 toggling and DQ6 at '1'. A Read from a
block not being erased returns valid data. During
suspension the memory will respond only to the
Erase Resume ER and the Program PG instruc-
tions. A Program operation can be initiated during
erase suspend in one of the blocks not being
erased. It will result in DQ6 toggling when the data
is being programmed.
Erase Resume (ER) Instruction. If
an
Erase
Suspend instruction was previously executed, the
erase operation may be resumed by giving the
command 30h, at an address within the bank be-
ing erased and without any Coded Cycle.


Similar Part No. - M59DR008F120N1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M59DR016 STMICROELECTRONICS-M59DR016 Datasheet
240Kb / 37P
   16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
M59DR016-ZBT STMICROELECTRONICS-M59DR016-ZBT Datasheet
240Kb / 37P
   16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
M59DR016C STMICROELECTRONICS-M59DR016C Datasheet
240Kb / 37P
   16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
M59DR016C100ZB1T STMICROELECTRONICS-M59DR016C100ZB1T Datasheet
240Kb / 37P
   16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
M59DR016C100ZB6T STMICROELECTRONICS-M59DR016C100ZB6T Datasheet
240Kb / 37P
   16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
More results

Similar Description - M59DR008F120N1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M59DR032A STMICROELECTRONICS-M59DR032A Datasheet
270Kb / 38P
   32 Mbit 2Mb x16, Dual Bank, Page Low Voltage Flash Memory
M59DR016C STMICROELECTRONICS-M59DR016C Datasheet
240Kb / 37P
   16 Mbit 1Mb x16, Dual Bank, Page 1.8V Supply Flash Memory
M36DR432A STMICROELECTRONICS-M36DR432A Datasheet
328Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
logo
Silicon Storage Technol...
SST36VF1601C SST-SST36VF1601C Datasheet
422Kb / 34P
   16 Mbit (x8/x16) Dual-Bank Flash Memory
logo
STMicroelectronics
M36W0R6030T0 STMICROELECTRONICS-M36W0R6030T0 Datasheet
448Kb / 26P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 8 Mbit (512Kb x16) SRAM, Multi-Chip Package
M36DR232A STMICROELECTRONICS-M36DR232A Datasheet
329Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 2 Mbit 128K x16 SRAM, Multiple Memory Product
M36DR432AD STMICROELECTRONICS-M36DR432AD Datasheet
834Kb / 52P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
M36DR432C STMICROELECTRONICS-M36DR432C Datasheet
330Kb / 46P
   32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
M28W800BT STMICROELECTRONICS-M28W800BT Datasheet
289Kb / 42P
   8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
M28W800CT STMICROELECTRONICS-M28W800CT Datasheet
369Kb / 49P
   8 Mbit 512Kb x16, Boot Block 3V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com