Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M29F002BNB55K1T Datasheet(PDF) 9 Page - STMicroelectronics

Part # M29F002BNB55K1T
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002BNB55K1T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M29F002BNB55K1T Datasheet HTML 5Page - STMicroelectronics M29F002BNB55K1T Datasheet HTML 6Page - STMicroelectronics M29F002BNB55K1T Datasheet HTML 7Page - STMicroelectronics M29F002BNB55K1T Datasheet HTML 8Page - STMicroelectronics M29F002BNB55K1T Datasheet HTML 9Page - STMicroelectronics M29F002BNB55K1T Datasheet HTML 10Page - STMicroelectronics M29F002BNB55K1T Datasheet HTML 11Page - STMicroelectronics M29F002BNB55K1T Datasheet HTML 12Page - STMicroelectronics M29F002BNB55K1T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9/22
M29F002BT, M29F002BB, M29F002BNT, M29F002BNB
STATUS REGISTER
Bus Read operations from any address always
read the Status Register during Program and
Erase operations. It is also read during Erase Sus-
pend when an address within a block being erased
is accessed.
The bits in the Status Register are summarized in
Table 8, Status Register Bits.
Data Polling Bit (DQ7). The Data Polling Bit can
be used to identify whether the Program/Erase
Controller has successfully completed its opera-
tion or if it has responded to an Erase Suspend.
The Data Polling Bit is output on DQ7 when the
Status Register is read.
During Program operations the Data Polling Bit
outputs the complement of the bit being pro-
grammed to DQ7. After successful completion of
the Program operation the memory returns to
Read mode and Bus Read operations from the ad-
dress just programmed output DQ7, not its com-
plement.
During Erase operations the Data Polling Bit out-
puts ’0’, the complement of the erased state of
DQ7. After successful completion of the Erase op-
eration the memory returns to Read Mode.
In Erase Suspend mode the Data Polling Bit will
output a ’1’ during a Bus Read operation within a
block being erased. The Data Polling Bit will
change from a ’0’ to a ’1’ when the Program/Erase
Controller has suspended the Erase operation.
Figure 5, Data Polling Flowchart, gives an exam-
ple of how to use the Data Polling Bit. A Valid Ad-
dress is the address being programmed or an
address within the block being erased.
Toggle Bit (DQ6). The Toggle Bit can be used to
identify whether the Program/Erase Controller has
successfully completed its operation or if it has re-
sponded to an Erase Suspend. The Toggle Bit is
output on DQ6 when the Status Register is read.
During Program and Erase operations the Toggle
Bit changes from ’0’ to ’1’ to ’0’, etc., with succes-
sive Bus Read operations at any address. After
successful completion of the operation the memo-
ry returns to Read mode.
During Erase Suspend mode the Toggle Bit will
output when addressing a cell within a block being
erased. The Toggle Bit will stop toggling when the
Program/Erase Controller has suspended the
Erase operation.
Figure 6, Data Toggle Flowchart, gives an exam-
ple of how to use the Data Toggle Bit.
Error Bit (DQ5). The Error Bit can be used to
identify errors detected by the Program/Erase
Controller. The Error Bit is set to ’1’ when a Pro-
gram, Block Erase or Chip Erase operation fails to
write the correct data to the memory. If the Error
Bit is set a Read/Reset command must be issued
before other commands are issued. The Error bit
is output on DQ5 when the Status Register is read.
Note that the Program command cannot change a
bit set at ’0’ back to ’1’ and attempting to do so may
or may not set DQ5 at ’1’. In both cases, a succes-
sive Bus Read operation will show the bit is still ’0’.
One of the Erase commands must be used to set
all the bits in a block or in the whole memory from
’0’ to ’1’.
Table 8. Status Register Bits
Note: Unspecified data bits should be ignored.
Operation
Address
DQ7
DQ6
DQ5
DQ3
DQ2
Program
Any Address
DQ7
Toggle
0
––
Program During Erase
Suspend
Any Address
DQ7
Toggle
0
Program Error
Any Address
DQ7
Toggle
1
Chip Erase
Any Address
0
Toggle
0
1
Toggle
Block Erase before timeout
Erasing Block
0
Toggle
0
0
Toggle
Non-Erasing Block
0
Toggle
0
0
No Toggle
Block Erase
Erasing Block
0
Toggle
0
1
Toggle
Non-Erasing Block
0
Toggle
0
1
No Toggle
Erase Suspend
Erasing Block
1
No Toggle
0
Toggle
Non-Erasing Block
Data read as normal
Erase Error
Good Block Address
0
Toggle
1
1
No Toggle
Faulty Block Address
0
Toggle
1
1
Toggle


Similar Part No. - M29F002BNB55K1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F002B STMICROELECTRONICS-M29F002B Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29F002B-120K1TR STMICROELECTRONICS-M29F002B-120K1TR Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29F002B-120K6TR STMICROELECTRONICS-M29F002B-120K6TR Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29F002B-120N1TR STMICROELECTRONICS-M29F002B-120N1TR Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29F002B-120N6TR STMICROELECTRONICS-M29F002B-120N6TR Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
More results

Similar Description - M29F002BNB55K1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F002T STMICROELECTRONICS-M29F002T Datasheet
196Kb / 29P
   2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
M29W002BT STMICROELECTRONICS-M29W002BT Datasheet
156Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W022BT STMICROELECTRONICS-M29W022BT Datasheet
123Kb / 20P
   2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29F200T STMICROELECTRONICS-M29F200T Datasheet
224Kb / 33P
   2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
logo
Micron Technology
M29F200BB70N6 MICRON-M29F200BB70N6 Datasheet
373Kb / 39P
   2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Single Supply Flash Memory
logo
STMicroelectronics
M29F200BT STMICROELECTRONICS-M29F200BT Datasheet
146Kb / 22P
   2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
   2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
May 2002
M50LPW002 STMICROELECTRONICS-M50LPW002 Datasheet
258Kb / 39P
   2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
May 2002
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
   4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
M50LPW012 STMICROELECTRONICS-M50LPW012 Datasheet
239Kb / 35P
   2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
September 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com