Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4534 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4534
Description  Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4534 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4534_05 Datasheet HTML 6Page - Maxim Integrated Products MAX4534_05 Datasheet HTML 7Page - Maxim Integrated Products MAX4534_05 Datasheet HTML 8Page - Maxim Integrated Products MAX4534_05 Datasheet HTML 9Page - Maxim Integrated Products MAX4534_05 Datasheet HTML 10Page - Maxim Integrated Products MAX4534_05 Datasheet HTML 11Page - Maxim Integrated Products MAX4534_05 Datasheet HTML 12Page - Maxim Integrated Products MAX4534_05 Datasheet HTML 13Page - Maxim Integrated Products MAX4534_05 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Fault-Protected, High-Voltage,
Single 4-to-1/Dual 2-to-1 Multiplexers
______________________________________________________________________________________
11
Transient Fault Condition
When a fast rising or falling transient on NO_ exceeds
V+ or V-, the output (COM_) follows the input (NO_) to
the supply rail with only a few nanoseconds delay. This
delay is due to the switch on-resistance and circuit
capacitance to ground. When the input transient
returns to within the supply rails, however, there is a
longer output recovery time. For positive faults, the
recovery time is typically 2.5µs. For negative faults, the
recovery time is typically 1.3µs. These values depend
on the COM_ output resistance and capacitance. The
delays do not depend on the fault amplitude. Higher
COM_ output resistance and capacitance increase the
recovery times.
Non-Fault-Protected Pins
FETs N2 and P2 can source about ±10mA from V+ or
V- to the COM_ pin in the fault condition (Figure 1).
Ensure that if the COM_ pin is connected to a low -
impedance load, the 30mA absolute maximum current
rating is never exceeded, both in normal and fault con-
ditions.
The GND, COM_, EN, and A_ pins do not have fault
protection. Reverse ESD protection diodes are internal-
ly connected between GND, COM_, A_, EN, and both
V+ and V-. If a signal on GND, COM_, EN, or A_
exceeds V+ or V- by more than 300mV, one of these
diodes will conduct. During normal operation, these
reverse-biased ESD diodes leak a few nanoamps of
current to V+ and V-.
Fault Protection Voltage and Power-Off
The maximum fault voltage on the NO_ pins is ±40V
from ground when the power is off. With ±15V supply
voltages, the highest voltage on NO_ can be V- + 40V,
and the lowest voltage on NO_ can be V+ - 40V.
Caution: Exceeding these limits can damage the IC.
Logic-Level Thresholds
The logic-level thresholds are CMOS and TTL compati-
ble with V+ = 4.5V to 16.5V.
Applications Information
Ground
There is no connection between the analog signal
paths and GND. The analog signal paths consist of an
N-channel and a P-channel MOSFET with their sources
and drains paralleled, and their gates driven out of
phase to V+ and V- by the logic-level translators.
V+ and GND power the internal logic and logic-level
translators and set the input logic thresholds. The logic-
level translators convert the logic levels to switched V+
and V- signals to drive the gates of the channel
MOSFETs. This drive signal is the only connection
between the power supplies and the analog signals.
GND, A_, EN, and COM_ have ESD protection diodes
to V+ and V-.
Supply Current Reduction
When the logic signals are driven rail-to-rail from 0 to
+15V or -15V to +15V, the current consumption will be
reduced from 300µA (typ) to 180µA.
Power Supplies
The MAX4534/MAX4535 operate with bipolar supplies
between ±4.5V and ±20V. The V+ and V- supplies
need not be symmetrical, but their sum cannot exceed
the 44V absolute maximum rating.
The MAX4534/MAX4535 operate from single supplies
between +9V and +36V when V- is connected to GND.


Similar Part No. - MAX4534_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4534CPD MAXIM-MAX4534CPD Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4534CSD MAXIM-MAX4534CSD Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4534CUD MAXIM-MAX4534CUD Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4534EPD MAXIM-MAX4534EPD Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4534ESD MAXIM-MAX4534ESD Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
More results

Similar Description - MAX4534_05

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
   High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
   Dual 4 to 1 Multiplexers
logo
Maxim Integrated Produc...
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com