Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TL431ACD Datasheet(PDF) 1 Page - TI store

Click here to check the latest version.
Part No. TL431ACD
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [TI store]
Homepage  http://www.ti.com
Logo 

 
 1 page
background image
TL431, TL431A, TL431B
TL432, TL432A, TL432B
ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS543J − AUGUST 2004 − REVISED DECEMBER 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operation From −40°C to 125°C
D Reference Voltage Tolerance at 25°C
− 0.5% ...B Grade
− 1% ...A Grade
− 2% . . . Standard Grade
D Typical Temperature Drift (TL431B)
− 6 mV (C Temp)
− 14 mV (I Temp, Q Temp)
D Low Output Noise
D 0.2-Ω Typical Output Impedance
D Sink-Current Capability ...1 mA to 100 mA
D Adjustable Output Voltage ...Vref to 36 V
1
2
3
4
8
7
6
5
CATHODE
ANODE
ANODE
NC
REF
ANODE
ANODE
NC
TL431, TL431A, TL431B ...D (SOIC) PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
CATHODE
NC
NC
NC
REF
NC
ANODE
NC
TL431, TL431A, TL431B ...P (PDIP), PS (SOP),
OR PW (TSSOP) PACKAGE
(TOP VIEW)
NC − No internal connection
TL431, TL431A, TL431B . . . DBV (SOT-23-5) PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
CATHODE
ANODE
REF
TL431, TL431A, TL431B ...PK (SOT-89) PACKAGE
(TOP VIEW)
REF
ANODE
CATHODE
† Pin 2 is attached to Substrate and must be
connected to ANODE or left open.
NC − No internal connection
TL432, TL432A, TL432B . . . DBV (SOT-23-5) PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
ANODE
NC
REF
CATHODE
NC − No internal connection
TL431, TL431A, TL431B . . . DBZ (SOT-23-3) PACKAGE
(TOP VIEW)
TL432, TL432A, TL432B . . . DBZ (SOT-23-3) PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
REF
CATHODE
ANODE
1
2
3
CATHODE
REF
ANODE
TL432, TL432A, TL432B . . . PK (SOT-89) PACKAGE
(TOP VIEW)
REF
ANODE
CATHODE
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerFLEX is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TL431_05ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTI store
AZ431ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TL431_07ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTI store
TLV431_06LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTI store
GM4321.24V ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreGamma Microelectronics Inc.
TL4321.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1 2 3 Unisonic Technologies
TL432C1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS 1 2 3 Unisonic Technologies
AZ431-BADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited
TLVH432_07LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreTI store
AN431ADJUSTABLE PRECISION SHUNT REGULATORS 1 2 3 4 5 MoreBCD Semiconductor Manufacturing Limited

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl