Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V29C51001B-90P Datasheet(PDF) 10 Page - Mosel Vitelic, Corp

Part # V29C51001B-90P
Description  1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V29C51001B-90P Datasheet(HTML) 10 Page - Mosel Vitelic, Corp

Back Button V29C51001B-90P Datasheet HTML 6Page - Mosel Vitelic, Corp V29C51001B-90P Datasheet HTML 7Page - Mosel Vitelic, Corp V29C51001B-90P Datasheet HTML 8Page - Mosel Vitelic, Corp V29C51001B-90P Datasheet HTML 9Page - Mosel Vitelic, Corp V29C51001B-90P Datasheet HTML 10Page - Mosel Vitelic, Corp V29C51001B-90P Datasheet HTML 11Page - Mosel Vitelic, Corp V29C51001B-90P Datasheet HTML 12Page - Mosel Vitelic, Corp V29C51001B-90P Datasheet HTML 13Page - Mosel Vitelic, Corp V29C51001B-90P Datasheet HTML 14Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
MOSEL VITELIC
V29C51001T/V29C51001B
V29C51001T/V29C51001B Rev. 0.8 October 2000
Sector Erase Cycle
The V29C51001T/V29C51001B features a
sector erase operation which allows each sector to
be erased and reprogrammed without affecting
data stored in other sectors. Sector erase operation
is initiated by using a specific six-bus-cycle
sequence: Two unlock program cycles, a setup
command, two additional unlock program cycles,
and the sector erase command (see Table 2). A
sector must be first erased before it can be
reprogrammed. While in the internal erase mode,
the device ignores any program attempt into the
device. The internal erase completion can be
determined via DATA polling or toggle bit.
The V29C51001T/V29C51001B is shipped with
pre-erased sectors (all bits = 1).
Chip Erase Cycle
The V29C51001T/V29C51001B features a chip-
erase operation. The chip erase operation is
initiated by using a specific six-bus-cycle
sequence: two unlock program cycles, a setup
command, two additional unlock program cycles,
and the chip erase command (see Table 2).
The chip erase operation is performed
sequentially, one sector at a time. When the
automated on chip erase algorithm is requested
with the chip erase command sequence, the device
automatically programs and verifies the entire
memory array for an all zero pattern prior to erasure
The automatic erase begins on the rising edge of
the last WE or CE pulse in the command sequence
and terminates when the data on DQ7 is “1”.
Program Cycle Status Detection
There are two methods for determining the state
of the V29C51001T/V29C51001B during a
program (erase/program) cycle: DATA Polling
(I/O7) and Toggle Bit (I/O6).
DATA Polling (I/O7)
The V29C51001T/V29C51001B features DATA
polling to indicate the end of a program cycle.
When the device is in the program cycle, any
attempt to read the device will received the
complement of the loaded data on I/O7. Once the
program cycle is completed, I/O7 will show true
data, and the device is then ready for the next
cycle.
Toggle Bit (I/O6)
The V29C51001T/V29C51001B also features
another method for determining the end of a
program cycle. When the device is in the program
cycle, any attempt to read the device will result in
l/O6 toggling between 1 and 0. Once the program is
completed, the toggling will stop. The device is then
ready for the next operation. Examining the toggle
bit may begin at any time during a program cycle.
Table 2. Command Codes
NOTES:
1.
Top Boot Sector
2.
Bottom Boot Sector
3.
PA: The address of the memory location to be programmed.
4.
PD: The data at the byte address to be programmed.
Command
Sequence
First Bus
Program Cycle
Second Bus
Program Cycle
Third Bus
Program Cycle
Fourth Bus
Program Cycle
Fifth Bus
Program Cycle
Six Bus
Program Cycle
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Read
XXXXH
F0H
Read
5555H
AAH
2AAAH
55H
5555H
F0H
RA
RD
Autoselect
5555H
AAH
2AAAH
55H
5555H
90H
00H
40H
01H
01H(1)
A1H(2)
Byte
Program
5555H
AAH
2AAAH
55H
5555H
A0H
PA
PD(4)
Chip Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Sector Erase
5555H
AAH
2AAAH
55H
5555H
80H
5555H
AAH
2AAAH
55H
PA(3)
30H


Similar Part No. - V29C51001B-90P

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51000B MOSEL-V29C51000B Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45J MOSEL-V29C51000B-45J Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45P MOSEL-V29C51000B-45P Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-45T MOSEL-V29C51000B-45T Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51000B-70J MOSEL-V29C51000B-70J Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results

Similar Description - V29C51001B-90P

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
F29C51001 ETC1-F29C51001 Datasheet
143Kb / 16P
   1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
Mosel Vitelic, Corp
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
logo
Mosel Vitelic, Corp
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
   4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com